Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 30 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 30 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 26Page - Semtech Corporation ACS8525AP Datasheet HTML 27Page - Semtech Corporation ACS8525AP Datasheet HTML 28Page - Semtech Corporation ACS8525AP Datasheet HTML 29Page - Semtech Corporation ACS8525AP Datasheet HTML 30Page - Semtech Corporation ACS8525AP Datasheet HTML 31Page - Semtech Corporation ACS8525AP Datasheet HTML 32Page - Semtech Corporation ACS8525AP Datasheet HTML 33Page - Semtech Corporation ACS8525AP Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 30
www.semtech.com
Operating Modes (States) of the Device
The ACS8525A has three primary modes of operation, or
operating states: Free-Run, Locked and Digital Holdover.
These are supported by three secondary, temporary
modes (Pre-Locked, Lost-Phase and Pre-Locked2). Refer
to the State Transition Diagram for DPLL1, Figure 8.
The ACS8525A can operate in Forced or Automatic
control. On reset, the ACS8525A reverts to Automatic
Control, where transitions between states are controlled
completely automatically. Forced Control can be invoked
by configuration, allowing transitions to be performed
under external control. This is not the normal mode of
operation, but is provided for special occasions such as
testing, or where a high degree of hands-on control is
required.
Free-run Mode
The Free-run mode is typically used following a
power-on-reset or a device reset before network
synchronization has been achieved. In the Free-run mode,
the timing and synchronization signals generated from
the ACS8525A are based on the 12.800 MHz clock
frequency provided from the external oscillator and are
not synchronized to an input SEC. By default, the
frequency of the output clock is a fixed multiple of the
frequency of the external oscillator, and the accuracy of
the output clock is equal to the accuracy of the oscillator.
However the external oscillator frequency can be
calibrated to improve its accuracy by a software
calibration routine using register
cnfg_nominal_frequency (Reg. 3C and 3D). For example a
500 ppm offset crystal could be made to look like one
accurate to 0.02 ppm.
The transition from Free-run to Pre-locked occurs when
the ACS8525A selects an SEC.
Pre-locked Mode
The ACS8525A will enter the Locked state in a maximum
of 100 seconds, as defined by GR-1244-CORE[13]
specification, if the selected SEC is of good quality. If the
device cannot achieve lock within 100 seconds, it reverts
to Free-Run mode and another SEC is selected.
Locked Mode
The Locked mode is entered from Pre-locked, Pre-locked2
or Phase-lost mode when an input reference source has
been selected and the DPLL has locked. The DPLL is
considered to be locked when the phase loss/lock
detectors (See“Phase Lock/Loss Detectors” on page 19)
indicate that the DPLL has remained in phase lock
continuously for at least one second. When the
ACS8525A is in Locked mode, the output frequency and
phase tracks that of the selected input reference source.
Lost-phase Mode
Lost-phase mode is used whenever the phase loss/lock
detectors (See“Phase Lock/Loss Detectors” on page 19)
indicate that the DPLL has lost phase lock. The DPLL will
still be trying to lock to the input clock reference, if it
exists. If the Leaky Bucket Accumulator calculates that
the anomaly is serious, the device disqualifies the
reference source. If the device spends more than 100
seconds in Lost-phase mode, the reference is disqualified
and a phase alarm is raised on it. If the reference is
disqualified, one of the following transitions takes place:
1. Go to Pre-locked2;
- If a known good stand-by source is available.
2. Go to Holdover;
- If no stand-by sources are available.
Digital Holdover Mode
Digital Holdover mode is the operating condition the
device enters when its currently selected input source
becomes invalid, and no other valid replacement source
is available.
In Digital Holdover mode, the ACS8525A provides the
timing signals to maintain the Line Card but is not phase
locked to an input SEC.
Digital Holdover operates Instantaneously, which means
the DPLL freezes at the frequency it was operating at the
time of entering Digital Holdover mode. This determines
the output frequency accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com