Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 99 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 99 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 95Page - Semtech Corporation ACS8525AP Datasheet HTML 96Page - Semtech Corporation ACS8525AP Datasheet HTML 97Page - Semtech Corporation ACS8525AP Datasheet HTML 98Page - Semtech Corporation ACS8525AP Datasheet HTML 99Page - Semtech Corporation ACS8525AP Datasheet HTML 100Page - Semtech Corporation ACS8525AP Datasheet HTML 101Page - Semtech Corporation ACS8525AP Datasheet HTML 102Page - Semtech Corporation ACS8525AP Datasheet HTML 103Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 99
www.semtech.com
Maximum Ratings
Important Note: The Absolute Maximum Ratings, Table 17, are stress ratings only, and functional operation of the
device at conditions other than those indicated in the Operating Conditions sections of this specification are not
implied. Exposure to the absolute maximum ratings for an extended period may reduce the reliability or useful lifetime
of the product.
Operating Conditions
DC Characteristics
Table 17 Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage VDD1, VDD2, VDD3, VDD4,
VDD5, VDD6, VDD7, VD1+, VD2+,VD3+,
VA1+, VA2+, VA3+, VDD_DIFF
VDD
-0.5
3.6
V
Input Voltage (non-supply pins)
VIN
-3.6
V
Output Voltage (non-supply pins)
VOUT
-3.6
V
Ambient Operating Temperature Range
TA
0
+70
oC
Storage Temperature
TSTOR
-50
+150
oC
Table 18 Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Power Supply (DC Voltage)
VDD1, VDD2, VDD3, VDD4, VDD5, VDD6,
VDD7, VD1+, VD2+,VD3+, VA1+, VA2+,
VA3+, VDD_DIF
VDD
3.135
3.3
3.465
V
Ambient Temperature Range
TA
0
-
+70
oC
Supply Current
(Typical - one 19 MHz output)
IDD
110
200
mA
Total Power Dissipation
PTOT
360
720
mW
Table 19 DC Characteristics: TTL Input Port
Across all operating conditions, unless otherwise stated
Parameter
Symbol
Minimum
Typical
Maximum
Units
VIN High
VIH
2-
-
V
VIN Low
VIL
--
0.8
V
Input Current
IIN
--
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com