Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 25 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 25 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 21Page - Semtech Corporation ACS8525AP Datasheet HTML 22Page - Semtech Corporation ACS8525AP Datasheet HTML 23Page - Semtech Corporation ACS8525AP Datasheet HTML 24Page - Semtech Corporation ACS8525AP Datasheet HTML 25Page - Semtech Corporation ACS8525AP Datasheet HTML 26Page - Semtech Corporation ACS8525AP Datasheet HTML 27Page - Semtech Corporation ACS8525AP Datasheet HTML 28Page - Semtech Corporation ACS8525AP Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 25
www.semtech.com
12.352
-
-
Select DPLL1 16DS1
150
1.0
12.352 via Digital1 or Digital2 (not Output O1)
77.76 MHz Analog
-
-
3800
13
12.352 via Digital1 or Digital2 (not Output O1)
Any digital feedback mode
-
-
3800
18
16.384
12E1 mode
-
-
900
4.5
16.384
16E1 mode
-
-
250
1.6
16.384
-
16E1 mode
Select DPLL2
400
2.0
16.384
-
-
Select DPLL1 16E1
220
1.2
16.384 via Digital1 or Digital2 (not Output O1)
77.76 MHz Analog
-
-
3800
13
16.384 via Digital1 or Digital2 (not Output O1)
Any digital feedback mode
-
-
3800
18
16.469
16DS1 mode
-
-
760
2.6
17.184
-
E3 mode
Select DPLL2
120
1.0
18.528
24DS1 mode
-
-
110
0.75
18.528
-
24DS1 mode
Select DPLL2
110
0.75
18.528
-
-
Select DPLL1 24DS1
110
0.75
19.44
77.76 MHz analog
-
-
60
0.6
19.44
77.76 MHz digital
-
-
60
0.6
19.44
-
77.76MHz mode
Select DPLL2
60
0.6
21.845
16E1 mode
-
-
250
1.6
22.368
-
DS3 mode
Select DPLL2
110
1.0
24.576
12E1 mode
-
-
900
4.5
24.576
-
12E1 mode
Select DPLL2
500
2.3
24.576
-
-
Select DPLL1 12E1
250
1.5
24.704
24DS1 mode
-
-
110
0.75
24.704
16DS1 mode
-
-
760
2.6
24.704
-
16DS1 mode
Select DPLL2
200
1.2
24.704
-
-
Select DPLL1 16DS1
150
1.0
25.92
77.76 MHz analog
-
-
60
0.6
25.92
77.76 MHz digital
-
-
60
0.6
32.768
16E1 mode
-
-
250
1.6
32.768
-
16E1 mode
Select DPLL2
400
2.0
32.768
-
-
Select DPLL1 16E1
220
1.2
Table 7 Output Frequency Selection (cont...)
Frequency (MHz, unless stated otherwise)
DPLL1 Mode
DPLL2 Mode
APLL2 Input Mux
Jitter Level (Typ)
rms
(ps)
p-p
(ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com