Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 74 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 74 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 70Page - Semtech Corporation ACS8525AP Datasheet HTML 71Page - Semtech Corporation ACS8525AP Datasheet HTML 72Page - Semtech Corporation ACS8525AP Datasheet HTML 73Page - Semtech Corporation ACS8525AP Datasheet HTML 74Page - Semtech Corporation ACS8525AP Datasheet HTML 75Page - Semtech Corporation ACS8525AP Datasheet HTML 76Page - Semtech Corporation ACS8525AP Datasheet HTML 77Page - Semtech Corporation ACS8525AP Datasheet HTML 78Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 74
www.semtech.com
Address (hex):
5A
Register Name cnfg_bucket_size_2
Description
(R/W) Register to program the
maximum size limit for Leaky
Bucket Configuration 2.
Default Value
0000 1000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
bucket_size_2_value (Activity alarm, Config. 2, Leaky Bucket - size)
Bit No.
Description
Bit Value
Value Description
[7:0]
bucket_size_2_value
The Leaky Bucket operates on a 128 ms cycle. If,
during a cycle, it detects that an input has either
failed or has been erratic, then for each cycle in
which this occurs, the accumulator is incremented
by 1, and for each period of 1, 2, 4, or 8 cycles, as
programmed in Reg. 5B (cnfg_decay_rate_2), in
which this does not occur, the accumulator is
decremented by 1.
The number in the Bucket cannot exceed the value
programmed into this register.
-
Value at which the Leaky Bucket will stop
incrementing, even with further inactive periods.
Address (hex):
5B
Register Name cnfg_decay_rate_2
Description
(R/W) Register to program the
“decay” or “leak” rate for Leaky
Bucket Configuration 2.
Default Value
0000 0001
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
decay_rate_2_value (Activity
alarm, Config. 2, Leaky Bucket -
leak rate)
Bit No.
Description
Bit Value
Value Description
[7:2]
Not used.
-
-
[1:0]
decay_rate_2_value
The Leaky Bucket operates on a 128 ms cycle. If,
during a cycle, it detects that an input has either
failed or has been erratic, then for each cycle in
which this occurs, the accumulator is incremented
by 1, and for each period of 1, 2, 4, or 8 cycles, as
programmed in this register, in which this does not
occur, the accumulator is decremented by 1.
The Leaky Bucket can be programmed to “leak” or
“decay” at the same rate as the “fill” cycle, or
effectively at one half, one quarter, or one eighth of
the fill rate.
00
01
10
11
Bucket decay rate of 1 every 128 ms.
Bucket decay rate of 1 every 256 ms.
Bucket decay rate of 1 every 512 ms.
Bucket decay rate of 1 every 1,024 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com