Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 93 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 93 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 89Page - Semtech Corporation ACS8525AP Datasheet HTML 90Page - Semtech Corporation ACS8525AP Datasheet HTML 91Page - Semtech Corporation ACS8525AP Datasheet HTML 92Page - Semtech Corporation ACS8525AP Datasheet HTML 93Page - Semtech Corporation ACS8525AP Datasheet HTML 94Page - Semtech Corporation ACS8525AP Datasheet HTML 95Page - Semtech Corporation ACS8525AP Datasheet HTML 96Page - Semtech Corporation ACS8525AP Datasheet HTML 97Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 93
www.semtech.com
[5:0]
timeout_value
Phase alarms can only be raised on an input when
DPLL1 is attempting to lock to it. Once an input has
been rejected due to a phase alarm, there is no way
to measure whether it is good again, because it is
no longer selected by the DPLL. The phase alarms
can either remain until reset by software, or timeout
after 128 seconds, as selected in Reg. 34 Bit 6,
phalarm_timeout.
-
This 6-bit unsigned integer represents the length of
time before a phase alarm will be raised on an
input. The value multiplied by 2 gives the time in
seconds. This time value is the time that the
controlling state machine will spend in Pre-locked,
Pre-locked2 or Phase-lost modes before setting the
phase alarm on the selected input.
Address (hex):
7A
Register Name cnfg_sync_pulses
Description
(R/W) Register to configure the
Sync outputs available from
FrSync and MFrSync and select
the source for the 2 kHz and
8 kHz outputs from O1 and O2.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
2k_8k_from_
DPLL2
8k_invert
8k_pulse
2k_invert
2k_pulse
Bit No.
Description
Bit Value
Value Description
7
2k_8k_from_DPLL2
Register to select the source (DPLL1 or DPLL2) for
the 2 kHz and 8 kHz outputs available from O1 and
O2.
0
1
2/8 kHz on O1 and O2 generated from DPLL1.
2/8 kHz on O1 and O2 generated from DPLL2.
[6:4]
Not used.
-
-
3
8k_invert
Register bit to invert the 8 kHz output from FrSync.
0
1
8 kHz FrSync output not inverted.
8 kHz FrSync output inverted.
2
8k_pulse
Register bit to enable the 8 kHz output from FrSync
to be either pulsed or 50:50 duty cycle. Output 02
must be enabled to use “pulsed output” mode on
the FrSync output, and then the pulse width on the
FrSync output will be equal to the period of the
output programmed on O2.
0
1
8 kHz FrSync output not pulsed.
8 kHz FrSync output pulsed.
Address (hex):
79 (cont...)
Register Name cnfg_phase_alarm_timeout
Description
(R/W) Register to configure how
long before a phase alarm is
raised on an input.
Default Value
0011 0010
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
timeout_value (in two-second intervals)
Bit No.
Description
Bit Value
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com