Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 6 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 6 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 2Page - Semtech Corporation ACS8525AP Datasheet HTML 3Page - Semtech Corporation ACS8525AP Datasheet HTML 4Page - Semtech Corporation ACS8525AP Datasheet HTML 5Page - Semtech Corporation ACS8525AP Datasheet HTML 6Page - Semtech Corporation ACS8525AP Datasheet HTML 7Page - Semtech Corporation ACS8525AP Datasheet HTML 8Page - Semtech Corporation ACS8525AP Datasheet HTML 9Page - Semtech Corporation ACS8525AP Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 6
www.semtech.com
18
MFrSync
O
TTL/CMOS
Output Reference: 2 kHz Multi-Frame Sync output.
19,
20
O1POS,
O1NEG
O
LVDS/PECL
Output Reference: Programmable, default 38.88 MHz, LVDS.
23,
24
SEC1_POS,
SEC1_NEG
I
PECL/LVDS
Input Reference: Programmable, default 19.44 MHz, PECL.
25,
26
SEC2_POS,
SEC2_NEG
I
PECL/LVDS
Input Reference: Programmable, default 19.44 MHz PECL.
28
SYNC1
I
TTLD
(Master) Multi-Frame Sync 2kHz Input: Connect to 2 or 8 kHz
Multi-Frame Sync output of Master SETS.
29
SEC1
I
TTLD
(Master) Input Reference: Programmable, default 8 kHz.
30
SEC2
I
TTLD
(Slave) Input Reference: Programmable, default 8 kHz.
33
SYNC2
I
TTLD
(Slave) Multi-Frame Sync 2 kHz: Connect to 2 or 8 kHz Multi-Frame Sync
output of Slave SETS.
34
SEC3
I
TTLD
(Stand-by) Input Reference: External stand-by reference clock source,
programmable, default 19.44MHz.
35
SYNC3
I
TTLD
(Stand-by) Input Reference: External stand-by 2 or 8 kHz Multi-Frame
Sync clock source.
37
TRST
I
TTLD
JTAG Control Reset Input: TRST = 1 to enable JTAG Boundary Scan
mode. TRST = 0 is Boundary Scan stand-by mode, still allowing normal
device operation (JTAG logic transparent). NC if not used.
41
TMS
I
TTLD
JTAG Test Mode Select: Boundary Scan enable. Sampled on rising edge
of TCK. NC if not used.
42
CLKE
I
TTLD
SCLK Edge Select: SCLK active edge select, CLKE = 1, selects falling
edge of SCLK to be active.
43
SDI
I
TTLD
Serial Interface Address: Serial Data Input.
44
CSB
I
TTLU
Chip Select (Active Low): This pin is asserted Low by the microprocessor
to enable the microprocessor interface.
47
SCLK
I
TTLD
Serial Data Clock. When this pin goes High data is latched from SDI pin.
48
PORB
I
TTLU
Power-On Reset: Master reset. If PORB is forced Low, all internal states
are reset back to default values.
49
TCK
I
TTLD
JTAG Clock: Boundary Scan clock input.
50
TDO
O
TTL/CMOS
JTAG Output: Serial test data output. Updated on falling edge of TCK.
51
TDI
I
TTLD
JTAG Input: Serial test data Input. Sampled on rising edge of TCK.
52
SDO
O
TTLD
Interface Address: SPI compatible Serial Data Output.
56
O2
O
TTL/CMOS
Output Reference: Programmable, default 19.44 MHz.
64
SONSDHB
I
TTLD
SONET or SDH Frequency Select: Sets the initial power-up state (or
state after a PORB) of the SONET/SDH frequency selection registers,
Reg. 34, Bit 2 and Reg. 38, Bit 5, Bit 6 and Reg. 64 Bit 4. When set Low,
SDH rates are selected (2.048 MHz etc.) and when set High, SONET
rates are selected (1.544 MHz etc.) The register states can be changed
after power-up by software.
Table 3 Other Pins (cont...)
Pin Number
Symbol
I/O
Type
Description
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com