Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 59 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 59 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 55Page - Semtech Corporation ACS8525AP Datasheet HTML 56Page - Semtech Corporation ACS8525AP Datasheet HTML 57Page - Semtech Corporation ACS8525AP Datasheet HTML 58Page - Semtech Corporation ACS8525AP Datasheet HTML 59Page - Semtech Corporation ACS8525AP Datasheet HTML 60Page - Semtech Corporation ACS8525AP Datasheet HTML 61Page - Semtech Corporation ACS8525AP Datasheet HTML 62Page - Semtech Corporation ACS8525AP Datasheet HTML 63Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 59
www.semtech.com
Address (hex):
35
Register Name cnfg_DPLL2_path
Description
(R/W) Register to configure the
feedback mode of DPLL2.
Default Value
1010 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
DPLL2_dig_
feedback
Bit No.
Description
Bit Value
Value Description
7Not used.
-
-
6
DPLL2_dig_feedback
Bit to select digital feedback mode for DPLL2.
0
1
DPLL2 in analog feedback mode.
DPLL2 in digital feedback mode.
[5:0]
Not used.
-
-
Address (hex):
36
Register Name cnfg_differential_inputs
Description
(R/W) Configures the differential
inputs to be PECL or LVDS type
inputs.
Default Value
0000 0011
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
SEC2_DIFF_
PECL
SEC1_DIFF_
PECL
Bit No.
Description
Bit Value
Value Description
[7:2]
Not used.
-
-
1
SEC2_DIFF_PECL
Configures the SEC2 DIFF input to be compatible
with either 3 V LVDS or 3 V PECL electrical levels.
0
1
SEC2 DIFF input LVDS compatible.
SEC2 DIFF input PECL compatible (Default).
0
SEC1_DIFF_PECL
Configures the SEC1 DIFF input to be compatible
with either 3 V LVDS or 3 V PECL electrical levels.
0
1
SEC1 DIFF input LVDS compatible.
SEC1 DIFF input PECL compatible (Default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com