Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 89 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 89 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 85Page - Semtech Corporation ACS8525AP Datasheet HTML 86Page - Semtech Corporation ACS8525AP Datasheet HTML 87Page - Semtech Corporation ACS8525AP Datasheet HTML 88Page - Semtech Corporation ACS8525AP Datasheet HTML 89Page - Semtech Corporation ACS8525AP Datasheet HTML 90Page - Semtech Corporation ACS8525AP Datasheet HTML 91Page - Semtech Corporation ACS8525AP Datasheet HTML 92Page - Semtech Corporation ACS8525AP Datasheet HTML 93Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 89
www.semtech.com
5
narrow_en (test control bit)
Set to 1 (default value).
0
1Set to 1.
[4:3]
Not used.
-
-
[2:0]
phase_loss_fine_limit
When enabled by Bit 7, this register coarsely sets
the phase limit at which the device indicates phase
lost or locked. The default value of 2 (010) gives a
window size of around ±90 - 180º. The phase
position of the inputs to the DPLL has to be within
the window limit for 1 – 2 seconds before the device
indicates phase lock. If it is outside the window for
any time then phase loss is immediately indicated.
For most cases the default value of 2 (010) is
satisfactory. The window size changes in proportion
to the value, so a value of 1 (001) will give a narrow
phase acceptance or lock window of approximately
±45 - 90º.
000
001
010
011
100
101
110
111
Do not use. Indicates phase loss continuously.
Small phase window for phase lock indication.
Recommended value.
)
)
) Larger phase window for phase lock indication.
)
)
Address (hex):
74
Register Name cnfg_phase_loss_coarse_limit
Description
(R/W) Register to configure some
of the parameters of DPLL phase
detectors.
Default Value
1000 0101
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
coarse_lim_
phaseloss_en
wide_range_en multi_ph_resp
phase_loss_coarse_limit
Bit No.
Description
Bit Value
Value Description
7
coarse_lim_phaseloss_en
Register bit to enable the coarse phase detector,
whose range is determined by
phase_loss_coarse_limit Bits [3:0]. This register
sets the limit in the number of input clock cycles (UI)
that the input phase can move by before the DPLL
indicates phase lost.
0
1
Phase loss not triggered by the coarse phase lock
detector.
Phase loss triggered when phase error exceeds the
limit programmed in phase_loss_coarse_limit,
Bits [3:0].
Address (hex):
73 (cont...)
Register Name cnfg_phase_loss_fine_limit
Description
(R/W) Register to configure some
of the parameters of the DPLL
phase detectors.
Default Value
1010 0010
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
fine_limit_en
noact_ph_loss
narrow_en
phase_loss_fine_limit
Bit No.
Description
Bit Value
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com