Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 102 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 102 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 98Page - Semtech Corporation ACS8525AP Datasheet HTML 99Page - Semtech Corporation ACS8525AP Datasheet HTML 100Page - Semtech Corporation ACS8525AP Datasheet HTML 101Page - Semtech Corporation ACS8525AP Datasheet HTML 102Page - Semtech Corporation ACS8525AP Datasheet HTML 103Page - Semtech Corporation ACS8525AP Datasheet HTML 104Page - Semtech Corporation ACS8525AP Datasheet HTML 105Page - Semtech Corporation ACS8525AP Datasheet HTML 106Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 102
www.semtech.com
Notes: (i) With 100
Ω load between the differential outputs.
Figure 14 Recommended Line Termination for LVDS Input/Output Ports
Table 24 DC Characteristics: LVDS Input/Output Port
Across all operating conditions, unless otherwise stated
Parameter
Symbol
Minimum
Typical
Maximum
Units
LVDS Input Voltage Range
Differential Input Voltage = 100 mV
VVRLVDS
0-
2.40
V
LVDS Differential Input Threshold
VDITH
-100
-
+100
mV
LVDS Input Differential Voltage
VIDLVTSDS
0.1
-
1.4
V
LVDS Input Termination Resistance
Must be placed externally across the LVDS
± input pins of ACS8525A. Resistor should
be 100
Ω with 5% tolerance
RTERM
95
100
105
Ω
LVDS Output High Voltage
(Note (i))
VOHLVDS
--
1.585
V
LVDS Output Low Voltage
(Note (i))
VOLLVDS
0.885
-
-
V
LVDS Differential Output Voltage
VODLVDS
250
-
450
mV
LVDS Change in Magnitude of Differential
Output Voltage for complementary States
(Note (i))
VDOSLVDS
--
25
mV
LVDS Output Offset Voltage
Temperature = 25oC (Note (i))
VOSLVDS
1.125
-
1.275
V
SEC2POS
SEC2NEG
SEC1NEG
SEC1POS
F8595D_025LVDS_01
n x 8 kHz,
1.544/2.048 MHz,
6.48 MHz,
19.44 MHz,
38.88 MHz,
51.84 MHz,
77.76 MHz or
155.52 MHz
n x 8 kHz,
1.544/2.048 MHz,
6.48 MHz,
19.44 MHz,
38.88 MHz,
51.84 MHz,
77.76 MHz or
155.52 MHz
01POS
01NEG
Fully
Programmable
Output Frequencies
ZO = 50Ω
ZO = 50Ω
100
Ω
ZO = 50Ω
ZO = 50Ω
100
Ω
ZO = 50Ω
ZO = 50Ω
100
Ω
ZO = Transmission line Impedance
VDD = +3.3 V
n
= integer 1 to 12,500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com