Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 104 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 104 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 100Page - Semtech Corporation ACS8525AP Datasheet HTML 101Page - Semtech Corporation ACS8525AP Datasheet HTML 102Page - Semtech Corporation ACS8525AP Datasheet HTML 103Page - Semtech Corporation ACS8525AP Datasheet HTML 104Page - Semtech Corporation ACS8525AP Datasheet HTML 105Page - Semtech Corporation ACS8525AP Datasheet HTML 106Page - Semtech Corporation ACS8525AP Datasheet HTML 107Page - Semtech Corporation ACS8525AP Datasheet HTML 108Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 104
www.semtech.com
Note...This table is only for comparing the ACS8525A output jitter performance against values and quoted in various specifications for given
conditions. It should not be used to infer compliance to any other aspects of these specifications.
GR-499-CORE[12] & G824[9] for 1.544 MHz
10 Hz - 40kHz
5.0 p-p
0.001 p-p
GR-499-CORE[12] & G824[9] for 1.544 MHz
8 kHz - 40kHz
0.1 p-p
0.001 p-p
GR-1244-CORE[13] for 1.544 MHz
> 10 Hz
0.05 p-p
0.001 p-p
Table 25 Output Jitter Generation at 35 Hz bandwidth and 8 kHz Input (cont...)
Test Definition
Jitter Spec
ACS8525A Jitter
Specification
Filter
UI
UI (TYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com