Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 107 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 107 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 103Page - Semtech Corporation ACS8525AP Datasheet HTML 104Page - Semtech Corporation ACS8525AP Datasheet HTML 105Page - Semtech Corporation ACS8525AP Datasheet HTML 106Page - Semtech Corporation ACS8525AP Datasheet HTML 107Page - Semtech Corporation ACS8525AP Datasheet HTML 108Page - Semtech Corporation ACS8525AP Datasheet HTML 109Page - Semtech Corporation ACS8525AP Datasheet HTML 110Page - Semtech Corporation ACS8525AP Datasheet HTML 111Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 107
www.semtech.com
Thermal Conditions
The device is rated for full temperature range when this package is used with a 4 layer or more PCB. Copper coverage
must exceed 50%. All pins must be soldered to the PCB. Maximum operating temperature must be reduced when the
device is used with a PCB with less than these requirements.
Figure 17 Typical 64-Pin LQFP Package Landing Pattern
Notes: (i) Solderable to this limit.
(ii) Square package - dimensions apply in both X and Y directions.
(iii) Typical example. The user is responsible for ensuring compatibility with PCB manufacturing process, etc.
Pitch 0.5 m
ch 0.5 mm
Widt
idthh 0.3
.3 m
mm
1.85
1.85 mm
F8525D_029LQFootprt64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com