Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 66 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 62Page - ATMEL Corporation AT89LP214 Datasheet HTML 63Page - ATMEL Corporation AT89LP214 Datasheet HTML 64Page - ATMEL Corporation AT89LP214 Datasheet HTML 65Page - ATMEL Corporation AT89LP214 Datasheet HTML 66Page - ATMEL Corporation AT89LP214 Datasheet HTML 67Page - ATMEL Corporation AT89LP214 Datasheet HTML 68Page - ATMEL Corporation AT89LP214 Datasheet HTML 69Page - ATMEL Corporation AT89LP214 Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 98 page
background image
66
3538D–MICRO–10/09
AT89LP213/214
• Flexible Page Programming
• Row Erase Capability
• Page Write with Auto-Erase Commands
• Programming Status Register
For more detailed information on In-System Programming, refer to the Application Note entitled
“AT89LP In-System Programming Specification”.
23.1
Physical Interface
In-System Programming utilizes the Serial Peripheral Interface (SPI) pins of an AT89LP213/214
microcontroller. The SPI is a full duplex synchronous serial interface consisting of four wires:
Serial Clock (SCK), Master-In/Slave-out (MISO), Master-out/Slave-in (MOSI), and an active-low
Slave Select (SS). When programming an AT89LP213/214 device, the programmer always
operates as the SPI master, and the target system always operates as the SPI slave. To enter or
remain in In-System Programming mode the device’s reset line (RST) must be held active (low).
With the addition of VCC and GND, an AT89LP213/214 microcontroller can be programmed with
a minimum of seven connections as shown in Figure 23-1.
Figure 23-1. In-System Programming Device Connections
The In-System Programming Interface is the only means of externally programming the
AT89LP213/214 microcontroller. The ISP Interface can be used to program the device both in-
system and in a stand-alone serial programmer. The ISP Interface does not require any clock
other than SCK and is not limited by the system clock frequency. During In-System program-
ming the system clock source of the target device can operate normally.
When designing a system where In-System Programming will be used, the following observa-
tions must be considered for correct operation:
• The ISP interface uses the SPI clock mode 0 (CPOL = 0,CPHA = 0) exclusively with a
maximum frequency of 5 MHz.
• The AT89LP213/214 will enter programming mode only when its reset line (RST) is
active (low). To simplify this operation, it is recommended that the target reset can be
controlled by the In-System programmer. To avoid problems, the In-System programmer
should be able to keep the entire target system reset for the duration of the programming
cycle. The target system should never attempt to drive the four SPI lines while reset is active.
•The RST input may be disabled to gain an extra I/O pin. In these cases the RST pin will
always function as a reset during power up. To enter programming the RST pin must be
AT89LP213/214
VCC
P1.3/RST
P1.7/SCK
P1.5/MOSI
GND
Serial Clock
Serial In
RST
P1.4/SS
P1.6/MISO
Serial Out
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com