Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 19Page - ATMEL Corporation AT89LP214 Datasheet HTML 20Page - ATMEL Corporation AT89LP214 Datasheet HTML 21Page - ATMEL Corporation AT89LP214 Datasheet HTML 22Page - ATMEL Corporation AT89LP214 Datasheet HTML 23Page - ATMEL Corporation AT89LP214 Datasheet HTML 24Page - ATMEL Corporation AT89LP214 Datasheet HTML 25Page - ATMEL Corporation AT89LP214 Datasheet HTML 26Page - ATMEL Corporation AT89LP214 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
23
3538D–MICRO–10/09
AT89LP213/214
13. I/O Ports
The AT89LP213/214 can be configured for between 9 and 12 I/O pins. The exact number of I/O
pins available depends on the clock and reset options as shown in Table 13-1. All port pins are
5V tolerant as inputs, that is they can be pulled up or driven to 5.5V even when operating at a
lower V
CC such as 3V.
Table 12-4.
IPH
– Interrupt Priority High Register
IPH = B7H
Reset Value = X000 0000B
Not Bit Addressable
–
–
PGH
PSH
PT1H
PX1H
PT0H
PX0H
Bit
7
6
543
21
0
Symbol
Function
PGH
General-purpose Interrupt Priority High
PSH
Serial Port Interrupt Priority High
PT1H
Timer 1 Interrupt Priority High
PX1H
External Interrupt 1 Priority High
PT0H
Timer 0 Interrupt Priority High
PX0H
External Interrupt 0 Priority High
Table 13-1.
I/O Pin Configurations
Clock Source
Reset Option
Number of I/O Pins
External Crystal or Resonator
External RST Pin
9
No external reset
10
External Clock
External RST Pin
10
No external reset
11
Internal RC Oscillator
External RST Pin
11
No external reset
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com