Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 83Page - ATMEL Corporation AT89LP214 Datasheet HTML 84Page - ATMEL Corporation AT89LP214 Datasheet HTML 85Page - ATMEL Corporation AT89LP214 Datasheet HTML 86Page - ATMEL Corporation AT89LP214 Datasheet HTML 87Page - ATMEL Corporation AT89LP214 Datasheet HTML 88Page - ATMEL Corporation AT89LP214 Datasheet HTML 89Page - ATMEL Corporation AT89LP214 Datasheet HTML 90Page - ATMEL Corporation AT89LP214 Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
87
3538D–MICRO–10/09
AT89LP213/214
Figure 24-16. SPI Slave Timing (CPHA = 1)
Figure 24-17. Shift Register Mode Timing Waveform
SS
SCK
(CPOL = 0)
SCK
(CPOL = 1)
MISO
MOSI
t
SCK
t
SSE
t
SHSL
t
SHSL
t
SLSH
t
SLSH
t
SSD
t
SIH
t
SIS
t
SOE
t
SOV
t
SOH
t
SOX
t
SF
t
SR
24.6
Serial Port Timing: Shift Register Mode Test Conditions
The values in this table are valid for V
CC = 2.4V to 5.5V and Load Capacitance = 80 pF.
Symbol
Parameter
Variable Oscillator
Units
Min
Max
tXLXL
Serial Port Clock Cycle Time
2tCLCL -15
µs
t
QVXH
Output Data Setup to Clock Rising Edge
t
CLCL -15
ns
t
XHQX
Output Data Hold after Clock Rising Edge
t
CLCL -15
ns
tXHDX
Input Data Hold after Clock Rising Edge
0
ns
t
XHDV
Input Data Valid to Clock Rising Edge
15
ns
01
2
3
4
5
6
7
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
CLOCK
WRITE TO SBUF
OUTPUT DATA
CLEAR RI
INPUT DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com