Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 51Page - ATMEL Corporation AT89LP214 Datasheet HTML 52Page - ATMEL Corporation AT89LP214 Datasheet HTML 53Page - ATMEL Corporation AT89LP214 Datasheet HTML 54Page - ATMEL Corporation AT89LP214 Datasheet HTML 55Page - ATMEL Corporation AT89LP214 Datasheet HTML 56Page - ATMEL Corporation AT89LP214 Datasheet HTML 57Page - ATMEL Corporation AT89LP214 Datasheet HTML 58Page - ATMEL Corporation AT89LP214 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
55
3538D–MICRO–10/09
AT89LP213/214
The CPHA (Clock PHAse), CPOL (Clock POLarity), and SPR (Serial Peripheral clock Rate =
baud rate) bits in SPCR control the shape and rate of SCK. The two SPR bits provide four possi-
ble clock rates when the SPI is in master mode. In slave mode, the SPI will operate at the rate of
the incoming SCK as long as it does not exceed the maximum bit rate. There are also four pos-
sible combinations of SCK phase and polarity with respect to the serial data. CPHA and CPOL
determine which format is used for transmission. The SPI data transfer formats are shown in
Figures 18-4 and 18-5. To prevent glitches on SCK from disrupting the interface, CPHA, CPOL,
and SPR should not be modified while the interface is enabled, and the master device should be
enabled before the slave device(s).
Figure 18-4. SPI Transfer Format with CPHA = 0
Note:
*Not defined but normally MSB of character just received.
Figure 18-5. SPI Transfer Format with CPHA = 1
Note:
*Not defined but normally LSB of previously transmitted character.
MSB
6
5
4
3
2
1
LSB
1
2
3
4
5
6
7
8
MSB
*
65
4
3
2
1
LSB
SCK CYCLE #
(FOR REFERENCE)
SCK (CPOL = 0)
SCK (CPOL = 1)
MOSI
(FROM MASTER)
MISO
(FROM SLAVE)
SS (TO SLAVE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com