Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 8Page - ATMEL Corporation AT89LP214 Datasheet HTML 9Page - ATMEL Corporation AT89LP214 Datasheet HTML 10Page - ATMEL Corporation AT89LP214 Datasheet HTML 11Page - ATMEL Corporation AT89LP214 Datasheet HTML 12Page - ATMEL Corporation AT89LP214 Datasheet HTML 13Page - ATMEL Corporation AT89LP214 Datasheet HTML 14Page - ATMEL Corporation AT89LP214 Datasheet HTML 15Page - ATMEL Corporation AT89LP214 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
12
3538D–MICRO–10/09
AT89LP213/214
9.
System Clock
The system clock is generated directly from one of three selectable clock sources. The three
sources are the on-chip crystal oscillator, external clock source, and internal RC oscillator. The
clock source is selected by the Clock Source User Fuses as shown in Table 9-1. No internal
clock division is used to generate the CPU clock from the system clock. See “User Configuration
Fuses” on page 72.
9.1
Crystal Oscillator
When enabled, the internal inverting oscillator amplifier is connected between XTAL1 and
XTAL2 for connection to an external quartz crystal or ceramic resonator as shown in Figure 9-1.
Note that the internal structure of the device adds about 10 pF of capacitance to both XTAL1
and XTAL2, so that in some cases an external capacitor may NOT be required. It is recom-
mended that a resistor R1 be connected to XTAL1, instead of load capacitor C1, for improved
startup performance. The total capacitance on XTAL1 or XTAL2, including the external load
capacitor plus internal device load, board trace and crystal loadings, should not exceed 20 pF.
When using the crystal oscillator, P3.2 and P3.3 will have their inputs and outputs disabled.
When using the crystal oscillator, XTAL2 should not be used to drive a board-level clock without
a buffer.
Figure 9-1.
Crystal Oscillator Connections
Note:
1. C2
=
0–10 pF for Crystals
=
0–10 pF for Ceramic Resonators
R1
=
4–5 M
Ω
Table 9-1.
Clock Source Settings
Clock Source
Fuse 1
Clock Source
Fuse 0
Selected Clock Source
0
0
Crystal Oscillator
01
Reserved
1
0
External Clock on XTAL1
1
1
Internal 8 MHz RC Oscillator
~10 pF
~10 pF
C2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com