Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 66Page - ATMEL Corporation AT89LP214 Datasheet HTML 67Page - ATMEL Corporation AT89LP214 Datasheet HTML 68Page - ATMEL Corporation AT89LP214 Datasheet HTML 69Page - ATMEL Corporation AT89LP214 Datasheet HTML 70Page - ATMEL Corporation AT89LP214 Datasheet HTML 71Page - ATMEL Corporation AT89LP214 Datasheet HTML 72Page - ATMEL Corporation AT89LP214 Datasheet HTML 73Page - ATMEL Corporation AT89LP214 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
70
3538D–MICRO–10/09
AT89LP213/214
Notes:
1. Program Enable must be the first command issued after entering into programming mode.
2. Any number of Data bytes from 1 to 32 may be written/read. The internal address is incremented between each byte.
3. Each byte address selects one fuse or lock bit. Data bytes must be 00h or FFh.
4. See Table 23-5 on page 72 for Fuse definitions.
5. See Table 23-4 on page 71 for Lock Bit definitions.
6. Atmel Signature Bytes:
7. Symbol Key:
Table 23-2.
Programming Command Summary
Command
Opcode
Addr High
Addr Low
Data 0
Data n
Program Enable(1)
1010 1100
0101 0011
–
–
–
Chip Erase
1000 1010
––––
Read Status
0110 0000
xxxx xxxx
xxxx xxxx
Status Out
Load Page Buffer(2)
0101 0001
xxxx xxxx
xxxb bbbb
DataIn 0 ... DataIn n
Write Code Page(2)
0101 0000
xxxx xaaa
aaab bbbb
DataIn 0 ... DataIn n
Write Code Page with Auto-Erase(2)
0111 0000
xxxx xaaa
aaab bbbb
DataIn 0 ... DataIn n
Read Code Page(2)
0011 0000
xxxx xaaa
aaab bbbb
DataOut 0 ... DataOut n
Write User Fuses(2)(3)(4)
1110 0001
0000 0000
000b bbbb
DataIn 0 ... DataIn n
Write User Fuses with Auto-Erase(2)(3)(4)
1111 0001
0000 0000
000b bbbb
DataIn 0 ... DataIn n
Read User Fuses(2)(3)(4)
0110 0001
0000 0000
000b bbbb
DataOut 0 ... DataOut n
Write Lock Bits(2)(3)(5)
1110 0100
0000 0000
000b bbbb
DataIn 0 ... DataIn n
Read Lock Bits(2)(3)(5)
0110 0100
0000 0000
000b bbbb
DataOut 0 ... DataOut n
Write User Signature Page(2)
0101 0010
xxxx xxxx
xaab bbbb
DataIn 0 ... DataIn n
Write User Signature Page with Auto-Erase(2)
0111 0010
xxxx xxxx
xaab bbbb
DataIn 0 ... DataIn n
Read User Signature Page(2)
0011 0010
xxxx xxxx
xaab bbbb
DataOut 0 ... DataOut n
Read Atmel Signature Page(2)(6)
0011 1000
xxxx xxxx
xxxb bbbb
DataOut 0 ... DataOut n
AT89LP213:
Address
00H = 1EH
01H = 27H
02H = FFH
AT89LP214:
Address
00H = 1EH
01H = 28H
02H = FFH
a:
Page Address Bit
b:
Byte Address Bit
x:
Don’t Care Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com