Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 2Page - ATMEL Corporation AT89LP214 Datasheet HTML 3Page - ATMEL Corporation AT89LP214 Datasheet HTML 4Page - ATMEL Corporation AT89LP214 Datasheet HTML 5Page - ATMEL Corporation AT89LP214 Datasheet HTML 6Page - ATMEL Corporation AT89LP214 Datasheet HTML 7Page - ATMEL Corporation AT89LP214 Datasheet HTML 8Page - ATMEL Corporation AT89LP214 Datasheet HTML 9Page - ATMEL Corporation AT89LP214 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
6
3538D–MICRO–10/09
AT89LP213/214
5.
Comparison to Standard 8051
The AT89LP213/214 is part of a family of devices with enhanced features that are fully binary
compatible with the MCS-51 instruction set. In addition, most SFR addresses, bit assignments,
and pin alternate functions are identical to Atmel's existing standard 8051 products. However,
due to the high performance nature of the device, some system behaviors are different from
those of Atmel's standard 8051 products such as AT89S52 or AT89S2051. The differences from
the standard 8051 are outlined in the following paragraphs.
5.1
System Clock
The CPU clock frequency equals the external XTAL1 frequency. The oscillator is no longer
divided by 2 to provide the internal clock and x2 mode is not supported.
5.2
Instruction Execution with Single-cycle Fetch
The CPU fetches one code byte from memory every clock cycle instead of every six clock
cycles. This greatly increases the throughput of the CPU. As a consequence, the CPU no longer
executes instructions in 12 to 48 clock cycles. Each instruction executes in only 1 to 4 clock
cycles. See “Instruction Set Summary” on page 60 for more details.
5.3
Interrupt Handling
The interrupt controller polls the interrupt flags during the last clock cycle of any instruction. In
order for an interrupt to be serviced at the end of an instruction, its flag needs to have been
latched as active during the next to last clock cycle of the instruction, or in the last clock cycle of
the previous instruction if the current instruction executes in only a single clock cycle.
The external interrupt pins, INT0 and INT1, are sampled at every clock cycle instead of once
every 12 clock cycles. Coupled with the shorter instruction timing and faster interrupt response,
this leads to a higher maximum rate of incidence for the external interrupts.
5.4
Timer/Counters
By default the Timer/Counters is incremented at a rate of once per clock cycle. This compares to
once every 12 clocks in the standard 8051. A common prescaler is available to divide the time
base for all timers and reduce the increment rate. The TPS bits in the CLKREG SFR control the
prescaler (Table 9-2 on page 14). Setting TPS = 1011B will cause the timers to count once every
12 clocks.
The external Timer/Counter pins, T0 and T1, are sampled at every clock cycle instead of once
every 12 clock cycles. This increases the maximum rate at which the Counter modules may
function.
5.5
Serial Port
The baud rate of the UART in Mode 0 is 1/2 the clock frequency, compared to 1/12 the clock fre-
quency in the standard 8051; and output data is only stable around the rising edge of the serial
clock. In should also be noted that when using Timer 1 to generate the baud rate in Mode 1 or
Mode 3, the timer counts at the clock frequency and not at 1/12 the clock frequency. To maintain
the same baud rate in the AT89LP214 while running at the same frequency as a standard 8051,
the time-out period must be 12 times longer. Mode 1 of Timer 1 supports 16-bit auto-reload to
facilitate longer time-out periods for generating low baud rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com