Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 77Page - ATMEL Corporation AT89LP214 Datasheet HTML 78Page - ATMEL Corporation AT89LP214 Datasheet HTML 79Page - ATMEL Corporation AT89LP214 Datasheet HTML 80Page - ATMEL Corporation AT89LP214 Datasheet HTML 81Page - ATMEL Corporation AT89LP214 Datasheet HTML 82Page - ATMEL Corporation AT89LP214 Datasheet HTML 83Page - ATMEL Corporation AT89LP214 Datasheet HTML 84Page - ATMEL Corporation AT89LP214 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 98 page
background image
81
3538D–MICRO–10/09
AT89LP213/214
24.3.4
Quasi-Bidirectional Output
Figure 24-6. Quasi-Bidirectional Output I-V Characteristic at 5V
Figure 24-7. Quasi-Bidirectional Output I-V Characteristic at 3V
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-100
-80
-60
-40
-20
0
85C
-40C
25C
VOH (V)
I/O DC Source Current vs. Output Voltage (VCC = 5V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-80
-70
-60
-50
-40
-30
-20
-10
85C
-40C
25C
VOH (V)
I/O DC Source Current vs. Output Voltage (VCC = 3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com