Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 10Page - ATMEL Corporation AT89LP214 Datasheet HTML 11Page - ATMEL Corporation AT89LP214 Datasheet HTML 12Page - ATMEL Corporation AT89LP214 Datasheet HTML 13Page - ATMEL Corporation AT89LP214 Datasheet HTML 14Page - ATMEL Corporation AT89LP214 Datasheet HTML 15Page - ATMEL Corporation AT89LP214 Datasheet HTML 16Page - ATMEL Corporation AT89LP214 Datasheet HTML 17Page - ATMEL Corporation AT89LP214 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
14
3538D–MICRO–10/09
AT89LP213/214
10. Reset
During reset, all I/O Registers are set to their initial values, the port pins are tristated, and the
program starts execution from the Reset Vector, 0000H. The AT89LP213/214 has five sources
of reset: power-on reset, brown-out reset, external reset, watchdog reset, and software reset.
10.1
Power-on Reset
A Power-on Reset (POR) is generated by an on-chip detection circuit. The detection level is
nominally 1.4V. The POR is activated whenever V
CC is below the detection level. The POR cir-
cuit can be used to trigger the start-up reset or to detect a supply voltage failure in devices
without a brown-out detector. The POR circuit ensures that the device is reset from power-on. A
power-on sequence is shown in Figure 10-1 on page 15. When V
CC reaches the Power-on
Reset threshold voltage V
POR, an initialization sequence lasting tPOR is started. When the initial-
ization sequence completes, the start-up timer determines how long the device is kept in POR
after V
CC rise. The POR signal is activated again, without any delay, when VCC falls below the
POR threshold level. A Power-on Reset (i.e. a cold reset) will set the POF flag in PCON. The
internally generated reset can be extended beyond the power-on period by holding the RST pin
low longer than the time-out.
Table 9-2.
CLKREG
– Clock Control Register
CLKREG = 8FH
Reset Value = 0000 0000B
Not Bit Addressable
TPS3
TPS2
TPS1
TPS0
–
CDV1
CDV0
COE
Bit
7
6
543
21
0
Symbol
Function
TPS3
TPS2
TPS1
TPS0
Timer Prescaler. The Timer Prescaler selects the time base for Timer 0, Timer 1 and the Watchdog Timer. The prescaler
is implemented as a 4-bit binary down counter. When the counter reaches zero it is reloaded with the value stored in the
TPS bits to give a division ratio between 1 and 16. By default the timers will count every clock cycles (TPS = 0000B). To
configure the timers to count at a standard 8051 rate of once every 12 clock cycles, TPS should be set to 1011B.
CDV1
CDV0
Clock Out Division. Determines the frequency of the clock output relative to the system clock.
CDIV1
CDIV0
Clock Out Frequency
00f/2
01f/4
10f/8
11f/16
COE
Clock Out Enable. Set COE to output a divided version of the system clock on XTAL2 (P3.3). The internal RC oscillator
or external clock source must be selected in order to use this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com