Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 14Page - ATMEL Corporation AT89LP214 Datasheet HTML 15Page - ATMEL Corporation AT89LP214 Datasheet HTML 16Page - ATMEL Corporation AT89LP214 Datasheet HTML 17Page - ATMEL Corporation AT89LP214 Datasheet HTML 18Page - ATMEL Corporation AT89LP214 Datasheet HTML 19Page - ATMEL Corporation AT89LP214 Datasheet HTML 20Page - ATMEL Corporation AT89LP214 Datasheet HTML 21Page - ATMEL Corporation AT89LP214 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
18
3538D–MICRO–10/09
AT89LP213/214
begin. The time-out period is controlled by the Start-up Timer Fuses (see Table 10-1 on page
16). The interrupt pin need not remain low for the entire time-out period.
Figure 11-1. Interrupt Recovery from Power-down (PWDEX = 0)
When PWDEX = “1”, the wake-up period is controlled externally by the interrupt. Again, at the
falling edge on the interrupt pin, power-down is exited and the oscillator is restarted. However,
the internal clock will not propagate until the rising edge of the interrupt pin as shown in Figure
11-2. The interrupt pin should be held low long enough for the selected clock source to stabilize.
After the rising edge on the pin the interrupt service routine will be executed.
Figure 11-2. Interrupt Recovery from Power-down (PWDEX = 1)
11.2.2
Reset Recovery from Power-down
The wake-up from Power-down through an external reset is similar to the interrupt with
PWDEX = “0”. At the falling edge of RST, Power-down is exited, the oscillator is restarted, and
an internal timer begins counting as shown in Figure 11-3. The internal clock will not be allowed
to propagate to the CPU until after the timer has timed out. The time-out period is controlled by
the Start-up Timer Fuses. (See Table 10-1 on page 16). If RST returns high before the time-out,
a two clock cycle internal reset is generated when the internal clock restarts. Otherwise the
device will remain in reset until RST is brought high.
PWD
INT1
XTAL1
tSUT
INTERNAL
CLOCK
PWD
INT1
XTAL1
INTERNAL
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com