Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 44Page - ATMEL Corporation AT89LP214 Datasheet HTML 45Page - ATMEL Corporation AT89LP214 Datasheet HTML 46Page - ATMEL Corporation AT89LP214 Datasheet HTML 47Page - ATMEL Corporation AT89LP214 Datasheet HTML 48Page - ATMEL Corporation AT89LP214 Datasheet HTML 49Page - ATMEL Corporation AT89LP214 Datasheet HTML 50Page - ATMEL Corporation AT89LP214 Datasheet HTML 51Page - ATMEL Corporation AT89LP214 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
48
3538D–MICRO–10/09
AT89LP213/214
Figure 17-4. Serial Port Mode 3
TX
CLOCK
WRITE TO SBUF
SEND
DATA
SHIFT
TXD
STOP BIT GEN
TI
D0
D1
D2
D3
D4
D5
D6
D7
TB8
STOP BIT
START BIT
INTERNAL BUS
READ
SBUF
LOAD
SBUF
SBUF
SHIFT
INPUT SHIFT REG.
(9 BITS)
BIT
DETECTOR
1-TO-0
TRANSITION
DETECTOR
SERIAL
PORT
INTERRUPT
WRITE
TO
SBUF
÷2
SMOD1
= 0
SMOD1
= 1
TIMER 1
OVERFLOW
RXD
RX CLOCK
RX CLOCK
RX CONTROL
START
START
DATA
SAMPLE
÷16
÷16
TX CONTROL
TI
ZERO DETECTOR
SBUF
TXD
INTERNAL BUS
TB8
D
Q
CL
S
LOAD
SBUF
SHIFT
1FFH
SHIFT
RI
SEND
D0
D1
D2
D3
D4
D5
D6
D7
RB8
START BIT
STOP
BIT
÷16 RESET
RX
CLOCK
BIT DETECTOR SAMPLE TIMES
SHIFT
RXD
RI
STOP BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com