Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 15Page - ATMEL Corporation AT89LP214 Datasheet HTML 16Page - ATMEL Corporation AT89LP214 Datasheet HTML 17Page - ATMEL Corporation AT89LP214 Datasheet HTML 18Page - ATMEL Corporation AT89LP214 Datasheet HTML 19Page - ATMEL Corporation AT89LP214 Datasheet HTML 20Page - ATMEL Corporation AT89LP214 Datasheet HTML 21Page - ATMEL Corporation AT89LP214 Datasheet HTML 22Page - ATMEL Corporation AT89LP214 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
19
3538D–MICRO–10/09
AT89LP213/214
Figure 11-3. Reset Recovery from Power-down.
12. Interrupts
The AT89LP213/214 provides 7 interrupt sources: two external interrupts, two timer interrupts, a
serial port interrupt, a general-purpose interrupt, and an analog comparator interrupt. These
interrupts and the system reset each have a separate program vector at the start of the program
memory space. Each interrupt source can be individually enabled or disabled by setting or clear-
ing a bit in the interrupt enable register IE. The IE register also contains a global disable bit, EA,
which disables all interrupts.
Each interrupt source (except the analog comparator) can be individually programmed to one of
four priority levels by setting or clearing bits in the interrupt priority registers IP and IPH. The
analog comparator is fixed at the lowest priority level. An interrupt service routine in progress
can be interrupted by a higher priority interrupt, but not by another interrupt of the same or lower
priority. The highest priority interrupt cannot be interrupted by any other interrupt source. If two
requests of different priority levels are pending at the end of an instruction, the request of higher
priority level is serviced. If requests of the same priority level are pending at the end of an
Table 11-1.
PCON
– Power Control Register
PCON = 87H
Reset Value = 000X 0000B
Not Bit Addressable
SMOD1
SMOD0
PWDEX
POF
GF1
GF0
PD
IDL
Bit
7
6
543
21
0
PWD
RST
XTAL1
tSUT
INTERNAL
CLOCK
INTERNAL
RESET
Symbol
Function
SMOD1
Double Baud Rate bit. Doubles the baud rate of the UART in Modes 1, 2, or 3.
SMOD0
Frame Error Select. When SMOD0 = 1, SCON.7 is SM0. When SMOD0 = 1, SCON.7 is FE. Note that FE will be set after
a frame error regardless of the state of SMOD0.
PWDEX
Power-down Exit Mode. When PWDEX = 1, wake up from Power-down is externally controlled. When PWDEX = 1, wake
up from Power-down is internally timed.
POF
Power Off Flag. POF is set to “1” during power up (i.e. cold reset). It can be set or reset under software control and is not
affected by RST or BOD (i.e. warm resets).
GF1, GF0
General-purpose Flags
PD
Power-down bit. Setting this bit activates power-down operation.
IDL
Idle Mode bit. Setting this bit activates Idle mode operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com