Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 68Page - ATMEL Corporation AT89LP214 Datasheet HTML 69Page - ATMEL Corporation AT89LP214 Datasheet HTML 70Page - ATMEL Corporation AT89LP214 Datasheet HTML 71Page - ATMEL Corporation AT89LP214 Datasheet HTML 72Page - ATMEL Corporation AT89LP214 Datasheet HTML 73Page - ATMEL Corporation AT89LP214 Datasheet HTML 74Page - ATMEL Corporation AT89LP214 Datasheet HTML 75Page - ATMEL Corporation AT89LP214 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 98 page
background image
72
3538D–MICRO–10/09
AT89LP213/214
23.7
User Configuration Fuses
The AT89LP213/214 includes 19 user fuses for configuration of the device. Each fuse is
accessed at a separate address in the User Fuse Row as listed in Table 23-5. Fuses are cleared
by programming 00h to their locations. Programming FFh to fuse location will cause that fuse to
maintain its previous state. To set a fuse (set to FFh) the fuse row must be erased and then
reprogrammed using the Fuse Write with Auto-erase command. The default state for all fuses is
FFh.
Notes:
1. The default state for all fuses is FFh.
2. Changes to these fuses will only take effect after a device POR.
3. Changes to these fuses will only take effect after the ISP session terminates by bringing RST high.
4. AIN0 (P1.0) and AIN1 (P1.1) always reset to input-only mode. SS (P1.4) always resets to quasi-bidirectional mode.
Table 23-5.
User Configuration Fuse Definitions
Address
Fuse Name
Description
00 – 01h
Clock Source – CS[0:1](2)
Selects source for the system clock:
CS1
CS0
Selected Source
00h
00h
Crystal Oscillator (XTAL)
00h
FFh
Reserved
FFh
00h
External Clock on XTAL1 (XCLK)
FFh
FFh
Internal RC Oscillator (IRC)
02 – 03h
Start-up Time – SUT[0:1]
Selects time-out delay for the POR/BOD/PWD wake-up period:
SUT1
SUT0
Selected Time-out
00h
00h
1 ms (XTAL); 16 µs (XCLK/IRC)
00h
FFh
2 ms (XTAL); 512 µs (XCLK/IRC)
FFh
00h
4ms (XTAL); 1ms (XCLK/IRC)
FFh
FFh
16 ms (XTAL); 4 ms (XCLK/IRC)
04h
Reset Pin Enable(3)
FFh: RST pin functions as reset
00h: RST pin functions as general purpose I/O
05h
Brown-out Detector Enable
FFh: Brown-out Detector Enabled
00h: Brown-out Detector Disabled
06h
On-chip Debug Enable
FFh: On-chip Debug Disabled
00h: On-chip Debug Enabled
07h
ISP Enable(3)
FFh: In-System Programming Enabled
00h: In-System Programming Disabled (Enabled at POR only)
08 – 0FH
RC Oscillator Frequency
Adjustment [0:7]
Adjusts the frequency of the internal RC oscillator. A copy of the 8MHz factory
setting is stored at location 0008h of the Atmel Signature.
10H
User Signature Programming
FFh: Programming of User Signature Disabled
00h: Programming of User Signature Enabled
11H
Tristate Ports(4)
FFh: I/O Ports start in input-only mode (tristated) after reset
00h: I/O Ports start in quasi-bidirectional mode after reset
12H
OCD Interface Select
FFh: Fast two-wire interface
00h: Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com