Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 26Page - ATMEL Corporation AT89LP214 Datasheet HTML 27Page - ATMEL Corporation AT89LP214 Datasheet HTML 28Page - ATMEL Corporation AT89LP214 Datasheet HTML 29Page - ATMEL Corporation AT89LP214 Datasheet HTML 30Page - ATMEL Corporation AT89LP214 Datasheet HTML 31Page - ATMEL Corporation AT89LP214 Datasheet HTML 32Page - ATMEL Corporation AT89LP214 Datasheet HTML 33Page - ATMEL Corporation AT89LP214 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
30
3538D–MICRO–10/09
AT89LP213/214
14.2
Mode 1 – 16-bit Auto-Reload Timer/Counter
In Mode 1 the Timers are configured for 16-bit auto-reload. The Timer register is run with all
16 bits. The 16-bit reload value is stored in the high and low reload registers (RH1/RL1). The
clock is applied to the combined high and low timer registers (TH1/TL1). As clock pulses are
received, the timer counts up: 0000H, 0001H, 0002H, etc. An overflow occurs on the FFFFH-to-
0000H transition, upon which the timer register is reloaded with the value from RH1/RL1 and the
overflow flag bit in TCON is set. See Figure 14-2. The reload registers default to 0000H, which
gives the full 16-bit timer period compatible with the standard 8051. Mode 1 operation is the
same for Timer/Counter 0.
Figure 14-2. Timer/Counter 1 Mode 1: 16-bit Auto-reload
14.3
Mode 2 – 8-bit Auto-reload Timer/Counter
Mode 2 configures the Timer register as an 8-bit Counter (TL1) with automatic reload, as shown
in Figure 14-3. Overflow from TL1 not only sets TF1, but also reloads TL1 with the contents of
TH1, which is preset by software. The reload leaves TH1 unchanged. Mode 2 operation is the
same for Timer/Counter 0.
Figure 14-3. Timer/Counter 1 Mode 2: 8-bit Auto-reload
Note:
RH1/RL1 are not required by Timer 1 during Mode 2 and may be used as temporary storage
registers.
Mode 1:
Time-out Period
65536
RH0 RL0
{,
}
–
()
Oscillator Frequency
---------------------------------------------------------
TPS
1
+
()
×
=
OSC
T1 Pin
TR1
GATE
INT1 Pin
TL1
(8 Bits)
Control
Interrupt
C/T = 0
C/T =1
TH1
(8 Bits)
TF1
RL1
(8 Bits)
RH1
(8 Bits)
Reload
÷TPS
Mode 2:
Time-out Period
256
TH0
–
()
Oscillator Frequency
-------------------------------------------------------
TPS
1
+
()
×
=
OSC
T1 Pin
TR1
GATE
TF1
TL1
(8 Bits)
TH1
(8 Bits)
Control
Reload
Interrupt
INT0 Pin
C/T = 0
C/T = 1
÷TPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com