Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 88Page - ATMEL Corporation AT89LP214 Datasheet HTML 89Page - ATMEL Corporation AT89LP214 Datasheet HTML 90Page - ATMEL Corporation AT89LP214 Datasheet HTML 91Page - ATMEL Corporation AT89LP214 Datasheet HTML 92Page - ATMEL Corporation AT89LP214 Datasheet HTML 93Page - ATMEL Corporation AT89LP214 Datasheet HTML 94Page - ATMEL Corporation AT89LP214 Datasheet HTML 95Page - ATMEL Corporation AT89LP214 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 98 page
background image
92
3538D–MICRO–10/09
AT89LP213/214
26.2
14X – TSSOP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
14X (Formerly "14T"), 14-lead (4.4 mm Body) Thin Shrink
Small Outline Package (TSSOP)
B
14X
05/16/01
5.10 (0.201)
4.90 (0.193)
1.20 (0.047) MAX
0.65 (.0256) BSC
0.20 (0.008)
0.09 (0.004)
0.15 (0.006)
0.05 (0.002)
INDEX MARK
6.50 (0.256)
6.25 (0.246)
SEATING
PLANE
4.50 (0.177)
4.30 (0.169)
PIN
1
0.75 (0.030)
0.45 (0.018)
0º~ 8º
0.30 (0.012)
0.19 (0.007)
Dimensions in Millimeters and (Inches).
Controlling dimension: Millimeters.
JEDEC Standard MO-153 AB-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com