Electronic Components Datasheet Search
  English  ▼

X  

AT89LP214 Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 80Page - ATMEL Corporation AT89LP214 Datasheet HTML 81Page - ATMEL Corporation AT89LP214 Datasheet HTML 82Page - ATMEL Corporation AT89LP214 Datasheet HTML 83Page - ATMEL Corporation AT89LP214 Datasheet HTML 84Page - ATMEL Corporation AT89LP214 Datasheet HTML 85Page - ATMEL Corporation AT89LP214 Datasheet HTML 86Page - ATMEL Corporation AT89LP214 Datasheet HTML 87Page - ATMEL Corporation AT89LP214 Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 98 page
background image
84
3538D–MICRO–10/09
AT89LP213/214
24.4
Clock Characteristics
Figure 24-12. External Clock Drive Waveform
Table 24-2.
External Clock Parameters
Symbol
Parameter
Min
Max
Units
1/tCLCL
Oscillator Frequency
0
20
MHz
tCLCL
Clock Period
50
ns
t
CHCX
External Clock High Time
12
ns
tCLCX
External Clock Low Time
12
ns
tCLCH
External Clock Rise Time
5ns
t
CHCL
External Clock Fall Time
5ns
Table 24-3.
Clock Characteristics
Symbol
Parameter
Condition
Min
Max
Units
fXTAL
Crystal Oscillator Frequency
0
20
MHz
fIRC
Internal Oscillator Frequency
T
A = 25°C; VCC = 5.0V
7.92
8.08
MHz
V
CC = 2.4V to 5.5V
7.70
8.50
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com