Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 26 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 26 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 30Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
ST7565P
Ver 2.1b
26/71
2009/09/14
Display Data RAM
The display data RAM stores the dot data for the LCD. It has
a 65 (8 page x 8 bit +1) x 132 bit structure. As is shown in
Figure 3, the D7 to D0 display data from the MPU
corresponds to the LCD display common direction; there are
few constraints at the time of display data transfer when
multiple ST7565P are used, thus and display structures can
be created easily and with a high degree of freedom.
Moreover, reading from and writing to the display RAM from
the MPU side is performed through the I/O buffer, which is an
independent operation from signal reading for the liquid
crystal driver. Consequently, even if the display data RAM is
accessed asynchronously during liquid crystal display, it will
not cause adverse effects on the display (such as flickering).
0
1
0
0
1
1
0
0
1
0
1
0
0
1
0
1
0
0
1
0
0
0
0
0
0
D0
D1
D2
D3
D4
-
Display data RAM
COM0
COM1
COM2
COM3
COM4
-
Liquid crystal display
Figure 3
The Page Address Circuit
Page address of the display data RAM is specified through
the Page Address Set Command. The page address must
be specified again when changing pages to perform access.
Page address 8 (D3, D2, D1, D0 = 1, 0, 0, 0) is a special
RAM for icons, and only display data D0 is used (refer to
Figure 4)
The Column Addresses
The display data RAM column address is specified by the
Column Address Set command. The specified column
address is incremented (+1) with each display data
read/write command. This allows the MPU display data to be
accessed continuously. Moreover, the incrementing of
column addresses stops with 83H. Because the column
address is independent of the page address, when moving,
for example, from page 0 column 83H to page 1 column 00H,
it is necessary to respective both the page address and the
column address.
Furthermore, as is shown in Table 4, the ADC command
(segment driver direction select command) can be used to
reverse the relationship between the display data RAM
column address and the segment output. Because of this,
the constraints on the IC layout when the LCD module is
assembled can be minimized. As is shown in Figure 4.
Table 4
SEG Output
ADC
SEG0
SEG 131
(D0) “0”
(D0) “1”
0 (H)
→ Column Address →
83 (H)
83 (H)
← Column Address ←
0 (H)
The Line Address Circuit
The line address circuit, as shown in Table 4, specifies the
line address relating to the COM output when the contents of
the display data RAM are displayed. Using the display start
line address set command, what is normally the top line of
the display can be specified (this is the COM0 output when
the common output mode is normal, and the COM63 output
for ST7565P , the detail is shown page.11 The display area
is a 65 line area for the ST7565P. If the line addresses are
changed dynamically using the display start line address set
command, screen scrolling, page swapping, etc. can be
performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com