Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 59 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 59 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 63Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
ST7565P
Ver 2.1b
59/71
2009/09/14
Table 19
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Applicable
Pin
Input voltage
VDD2
(Relative to VSS)
2.4
—
3.3
V
VSS
Supply Step-up output
voltage Circuit
VOUT
(Relative to VSS)
—
—
13.5
V
VOUT
Voltage regulator
Circuit Operating
Voltage
VOUT
(Relative to VSS)
6.0
—
13.5
V
VOUT
Voltage Follower
Circuit Operating
Voltage
V0
(Relative to VSS)
4.0
—
13.0
V
V0 * 9
Base Voltage
VR
Ta = 25°C , (Relative to V SS)
–0.05%/°C
2.07
2.10
2.13
V
*10
• Dynamic Consumption Current : During Display, with the Internal Power Supply OFF Current consumed by total ICs
when an external power supply is used .
Table 20
Rating
Test pattern
Symbol
Condition
Min.
Typ.
Max.
Units
Notes
Display Pattern
OFF
IDD
VDD = 3.0 V,
V0 – VSS = 11.0 V
—
16
27
µA
*11
Display Pattern
Checker
IDD
VDD = 3.0 V,
V0 – VSS = 11.0 V
—
19
32
µA
*11
• Dynamic Consumption Current : During Display, with the Internal Power Supply ON
Table 21
Rating
Test pattern
Symbol
Condition
Min.
Typ.
Max.
Units Notes
Normal Mode
—
90
130
Display
Pattern OFF
IDD
VDD = 3.0 V,
Quad step-up voltage.
V0 –VSS = 11.0 V
High-Power Mode
—
128
193
µA
*12
Normal Mode
—
100
147
Display
Pattern
Checker
IDD
VDD = 3.0 V,
Quad step-up voltage.
V0 –VSS = 11.0 V
High-Power Mode
—
135
205
µA
*12
• Consumption Current at Time of Power Saver Mode : VSS = -3.0 V ± 10%
Table 22
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Notes
Sleep mode
IDD
Ta = 25°C
—
0.1
4
Standby Mode
IDD
Ta = 25°C
—
5
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com