Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 31 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 31 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 35Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
ST7565P
Ver 2.1b
31/71
2009/09/14
The Power Supply Circuits
The power supply circuits are low-power consumption power
supply circuits that generate the voltage levels required for
the LCD drivers. They are Booster circuits, voltage regulator
circuits, and voltage follower circuits. They are only enabled
in master operation. The power supply circuits can turn the
Booster circuits, the voltage regulator circuits, and the
voltage follower circuits ON or OFF independently through
the use of the Power Control Set command. Consequently,
it is possible to make an external power supply and the
internal power supply function somewhat in parallel. Table 7
shows the Power Control Set Command 3-bit data control
function, and Table 8 shows reference combinations.
Table 7
bit
function
Status
“1”
“0”
D2
D1
D0
Booster circuit control bit
Voltage regulator circuit control bit (V/R circuit)
Voltage follower circuit control bit (V/F circuit)
ON
OFF
ON
OFF
ON
OFF
The Control Details of Each Bit of the Power Control Set Command
Table 8
Use Settings
D2
D1 D0
Voltage
booster
Voltage
regulator
Voltage
follower
External
voltage
input
Step-up
voltage
Only the internal power supply is used
1
1
1
ON
ON
ON
VDD2
Used
Only the voltage regulator circuit and the
voltage follower circuit are used
0
1
1
OFF
ON
ON
VOUT, VDD2
Open
Only the V/F circuit is used
0
0
1
OFF
OFF
ON
V0, VDD2
Open
Only the external power supply is used
0
0
0
OFF
OFF
OFF
V0 to V4
Open
Reference Combinations
* The “step-up system terminals” refer CAP1N, CAP1P, CAP2N, CAP2P, and CAP3N.
* While other combinations, not shown above, are also possible, these combinations are not recommended because they have
no practical use.
The Step-up Voltage Circuits
Using the step-up voltage circuits equipped within the
ST7565P chips it is possible to product a 2X,3X,4X,5X or 6X
step-up of the VSS – VDD2 voltage levels.
The step-up voltage relationships are shown in Figure 7.
6X step-up:
Connect capacitor C1 between CAP1N and
CAP1P,
between
CAP2N
and
CAP2P,
between
CAP1N
and
CAP3P,
between
CAP2N and CAP4P,between CAP1N and
CAP5P, and between VDD2 and VOUT, to
produce a voltage level in the positive
direction at the VOUT terminal that is 6 times
the voltage level between VSS and VDD2.
5X step-up:
Connect capacitor C1 between CAP1N and
CAP1P,
between
CAP2N
and
CAP2P,
between
CAP1N
and
CAP3P,
between
CAP2N and CAP4P,and between VDD2 and
VOUT, to produce a voltage level in the
positive direction at the VOUT terminal that is
5 times the voltage level between VSS and
VDD2.
4X step-up:
Connect capacitor C1 between CAP1N and
CAP1P,
between
CAP2N
and
CAP2P,
between CAP1N and CAP3P, and between
VDD2 and VOUT, to produce a voltage level in
the positive direction at the VOUT terminal
that is 4 times the voltage level between VSS
and VDD2.
3X step-up:
Connect capacitor C1 between CAP1N and
CAP1P, between CAP2N and CAP2P and
between VDD2 and VOUT, and short between
CAP3P and VOUT to produce voltages level
in the positive direction at the VOUT terminal
that is 3 times the voltage difference between
VSS and VDD2.
2X step-up:
Connect capacitor C1 between CAP1N and
CAP1P, and between VDD2 and VOUT, leave
CAP2N open, and short between CAP2P,
CAP3P and VOUT to produce a voltage in the
positive direction at the VOUT terminal that Is
twice the voltage between VSS and VDD2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com