Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 41 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 41 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 45Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
ST7565P
Ver 2.1b
41/71
2009/09/14
The Reset Circuit
When the /RES input comes to the “L” level, these LSIs
return to the default state. Their default states are as follows:
1.
Display OFF
2.
Normal display
3.
ADC select: Normal (ADC command D0 = “L”)
4.
Power control register: (D2, D1, D0) = (0, 0, 0)
5.
Serial interface internal register data clear
6.
LCD power supply bias rate:
1/65 DUTY = 1/9 bias
1/49,1/55,1/53 DUTY = 1/8 bias
1/33 DUTY = 1/6 bias
7.
All-indicator lamps-on OFF (All-indicator lamps
ON/OFF command D0 = “L”)
8.
Power saving clear
9.
V0 voltage regulator internal resistors Ra and Rb
separation
10. Output conditions of SEG and COM terminals
SEG=VSS , COM=VSS
11. Read modify write OFF
12. Display start line set to first line
13. Column address set to Address 0
14. Page address set to Page 0
15. Common output status normal
16. V0 voltage regulator internal resistor ratio set mode
clear
17. Clear Electronic volume register :
(D5, D4, D3, D2, D1, D0) = (1, 0. 0, 0, 0,0)
18. Test mode clear
On the other hand, when the reset command is used, the
above default settings from 11 to 18 are only executed.
When the power is turned on, the IC internal state becomes
unstable, and it is necessary to initialize it using the /RES
terminal. After the initialization, each input terminal should
be controlled normally.
Moreover, when the control signal from the MPU is in the
high impedance, an over current may flow to the IC. After
applying a current, it is necessary to take proper measures
to prevent the input terminal from getting into the high
impedance state.
If the internal liquid crystal power supply circuit is not used
on ST7565P,it is necessary that /RES is “H” when the
external liquid crystal power supply is turned on. This IC has
the function to discharge V0 when /RES is “L,” and the
external power supply short-circuits to Vss when /RES is “L.”
This means that an internal resistor is connected between
VSS and V0.
While /RES is “L,” the oscillator works but the display timing
generator stops, and the CL, FR and /DOF terminals are
fixed to “H.” The terminals D0 to D7 are not affected. The
VSS level is output to SEG and COM output terminals after a
success hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com