Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 56 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 56 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 60Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
ST7565P
Ver 2.1b
56/71
2009/09/14
<Turning the power (VDD - VSS) off : When command control is not possible.>
2) Reset (The LCD powers (VDD - VSS) are off.) → Power (VDD - VSS) OFF
• Observe
tL > tH.
• When
tL < tH, an irregular display may occur.
For
tL, make the power (VDD - VSS) falling characteristics longer or consider any other method.
tH is determined according to the external capacity C2 (smoothing capacity of V0 to V4) and the driver’s discharging capacity.
Reset
Power Off
tL
1.8V
VSS
COM
SEG
VDD
RES
Since the power (VDD-VSS) is cut
off,the output comes not be fixed.
tH
V0
V1
V2
V3
V4
VSS
Above Vth of the LCD Panel.
V
OUT
Under Vth of the LCD Panel.
Depends on the LCD Module
characteristic (around 0.2~1V).
<Reference Data>
V0 voltage falling (discharge) time (
tH) after the process of operation → power save → reset.
V0 voltage falling (discharge) time (
tH) after the process of operation → reset.
5.0
4.0
3.0
2.4
1.8
1.0
0.5
0
50
100
VDD-VSS(V)
C2 : V0 to V4 capacity (uF)
Figure 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com