Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 60 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 60 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 64Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
ST7565P
Ver 2.1b
60/71
2009/09/14
• The Relationship Between Oscillator Frequency fOSC, Display Clock Frequency fCL and the Liquid Crystal Frame
Rate Frequency fFR
Table 23
Item
fCL
fFR
Used internal oscillator circuit
fOSC / 4
fOSC / (4*65)
1/65 DUTY
Used external display clock
External input (fCL)
fCL / 260
Used internal oscillator circuit
fOSC / 4
fOSC / (4*49)
1/49 DUTY
Used external display clock
External input (fCL)
fCL / 196
Used internal oscillator circuit
fOSC / 8
fOSC / (8*33)
1/33 DUTY
Used external display clock
External input (fCL)
fCL / 264
Used internal oscillator circuit
fOSC / 4
fOSC / (4*55)
1/55 DUTY
Used external display clock
External input (fCL)
fCL / 220
Used internal oscillator circuit
fOSC / 4
fOSC / (4*53)
1/53 DUTY
Used external display clock
External input (fCL)
fCL / 212
(fFR is the liquid crystal alternating current period, and not the FR signal period.)
References for items market with *
*1 While a broad range of operating voltages is guaranteed, performance cannot be guaranteed if there are sudden
fluctuations to the voltage while the MPU is being accessed.
*2 The operating voltage range for the VSS system and the V0 system is. This applies when the external power supply is
being used.
*3 The A0, D0 to D5, D6 (SCL), D7 (SI), /RD (E), /WR (R/W), /CS1, CS2, CLS, CL, FR, M/S, C86, P/S, /DOF, /RES, IRS, and
/HPM terminals.
*4 The D0 to D7, FR, /DOF, and CL terminals.
*5 The A0, /RD (E), /WR (R/W), /CS1, CS2, CLS, M/S, C86, P/S, /RES, IRS, and /HPM terminals.
*6 Applies when the D0 to D5, D6 (SCL), D7 (SI), CL, FR, and /DOF terminals are in a high impedance state.
*7 These are the resistance values for when a 0.1 V voltage is applied between the output terminal SEGn or COMn and the
various power supply terminals (V1, V2, V3, and V4). These are specified for the operating voltage (3) range.
RON = 0.1 V /ΔI (Where ΔI is the current that flows when 0.1 V is applied while the power supply is ON.)
*8 See Table 23 for the relationship between the oscillator frequency and the frame rate frequency.
*9 The V0 voltage regulator circuit regulates within the operating voltage range of the voltage follower.
*10 This is the internal voltage reference supply for the V0 voltage regulator circuit. In the ST7565P , the temperature range
approximately –0.05%/°C.
*11, 12 It indicates the current consumed on ICs alone when the internal oscillator circuit and display are turned on.
The ST7565P is 1/9 biased. Does not include the current due to the LCD panel capacity and wiring capacity.
Applicable only when there is no access from the MPU.
*12 It is the value on a ST7565P having the VREG temperature gradient is –0.05%/°C when the V 0 voltage regulator
internal resistor is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com