Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 36 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 36 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 40Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
ST7565P
Ver 2.1b
36/71
2009/09/14
(B) When an External Resistance is Used (The V0 Voltage Regulator Internal Resistors Are Not Used) (1)
The liquid crystal power supply voltage V0 can also be set
without using the V0 voltage regulator internal resistors (IRS
terminal = “L”) by adding resistors Ra’ and Rb’ between VDD
and VR, and between VR and V0, respectively. When this is
done, the use of the electronic volume function makes it
possible to adjust the brightness of the liquid crystal display
by controlling the liquid crystal power supply voltage V0
through commands.
In the range where | V0 | < | VOUT |, the V0 voltage can be
calculated using equation B-1 based on the external
resistances Ra’ and Rb’.
(
)
Rb'
Ra'
+
1
VEV
V0 =
=
(
)
Rb'
Ra'
+
1
(1 -
α
162 )
VREG
[∵ VEV = (1 -
α
162 )
VREG
]
External
resistor Ra'
VEV(fixed voltage power supply+electronic volume)
VSS
V0
External
resistor Rb'
Figure 11
Setup example: When selecting Ta = 25°C and V0 = 7 V for
ST7565P the temperature gradient = –0.05%/°C.
When the central value of the electron volume register is
(D5, D4, D3, D2, D1, D0) = (1, 0, 0, 0, 0, 0), then α = 31 and
VREG = 2.1V so, according to equation B-1,
=
(
)
Rb'
Ra'
+
1
(1 -
31
162 )
(2.1)
7V
=
(
)
Rb'
Ra'
+
1
(1 -
α
162 )
VREG
V0
Moreover, when the value of the current running through
Ra’ and Rb’ is set to 5 uA,
Ra’ + Rb’ = 1.4M
(Equation B-3)
Consequently, by equations B-2 and B-3,
=
Rb'
Ra'
3.12
Ra' = 340kΩ
Rb' = 1060kΩ
At this time, the V0 voltage variable range and notch
width, based on the electron volume function, is as
given in Table 14.
Table 14
V0
Min
Typ
Max
Units
Variable Range
Notch width
5.3 (63 levels)
7.0 (central value)
8.6 (0 level)
[V]
52
[mV]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com