Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 55 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 55 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 59Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
ST7565P
Ver 2.1b
55/71
2009/09/14
Refresh
It is recommended to turn on the refresh sequence regularly at a specified interval.
Precautions on Turning off the power
<Turning the power (VDD - VSS) off>
1) Power Save (The LCD powers (V0 - VSS) are off.) → Reset input → Power (VDD - VSS) OFF
• Observe
tL > tH.
• When
tL < tH, an irregular display may occur.
Set
tL on the MPU according to the software. tH is determined according to the external capacitor C2 (smoothing capacitor of
V0 ~ V4) and the driver’s discharging capacity.
Reset
Power
save
Power Off
tL
1.8V
VSS
VSS
tH
V0
V1
V2
V3
V4
COM
SEG
VDD
RES
Since the power (VDD-VSS) is cut off,
the output comes not to be fixed.
V
OUT
Above Vth of the LCD Panel.
Under Vth of the LCD Panel.
Depends on the LCD Module
characteristic (around 0.2~1V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com