Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 48 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 48 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 52Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
ST7565P
Ver 2.1b
48/71
2009/09/14
Electronic Volume Register Set
By using this command to set six bits of data to the electronic volume register, the liquid crystal drive voltage V0 assumes one
of the 64 voltage levels. When this command is input, the electronic volume mode is released after the electronic volume
register has been set.
E
R/W
A0
/RD /WR
D7 D6 D5 D4 D3 D2 D1 D0
| V0 |
0
1
0
*
*
0
0
0
0
0
1
*
*
0
0
0
0
1
0
*
*
0
0
0
0
1
1
↓
*
*
1
1
1
1
1
0
*
*
1
1
1
1
1
1
Small
↓
Large
* Inactive bit (set “0”)
When the electronic volume function is not used, set this to (1, 0, 0, 0, 0, 0)
The Electronic Volume Register Set Sequence
Figure 26
Power Save (Compound Command)
When the display all points ON is performed while the display is in the OFF mode, the power saver mode is entered, thus
greatly reducing power consumption.
The power saver mode has two different modes: the sleep mode and the standby mode. When the static indicator is OFF, it is
the sleep mode that is entered. When the static indicator is ON, it is the standby mode that is entered. In the sleep mode and
in the standby mode, the display data is saved as is the operating mode that was in effect before the power saver mode was
initiated, and the MPU is still able to access the display data RAM. Refer to figure 28 for power save off sequence.
Figure 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com