Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 57 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 57 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 61Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
ST7565P
Ver 2.1b
57/71
2009/09/14
A
AB
BS
SO
OL
LU
UT
TE
E M
MA
AX
XIIM
MU
UM
M R
RA
AT
TIIN
NG
GS
S
Unless otherwise specified, VSS = 0V
Parameter
Symbol
Conditions
Unit
Power Supply Voltage
VDD
–0.3 ~ 3.6
V
Power supply voltage (VDD standard)
VDD2
–0.3 ~ 3.6
V
Power supply voltage (VDD standard)
V0, VOUT
–0.3 ~ 14.5
V
Power supply voltage (VDD standard)
V1, V2, V3, V4
–0.3 ~ V0+0.3
V
Input Voltage
VIN
–0.3 ~ VDD+0.3
V
Output Voltage
(Digital Pads)
VO
–0.3 ~ VDD+0.3
V
Operating temperature
TOPR
–30 to +85
°C
Storage temperature
Bare chip
TSTR
–65 to +150
°C
Table 17
Notes and Cautions
1.
The voltages are relative to VSS = 0V unless otherwise specified.
2.
The ranges listed in this section are stress only. It is recommended that the normal operating condition of this device
should be in the ranges listed in “DC Characteristics” (the next section).
3.
Stress over the listed ranges in “Absolute Maximum Ratings” may cause permanent damage to this device.
4.
If this device is operated out of these conditions and ranges, it may not only result in malfunctions, but may have a
negative impact on the reliability as well.
5.
Insure that the voltage levels of V1, V2, V3, and V4 are always such that VOUT ≧ V0 ≧ V1 ≧ V2 ≧ V3 ≧ V4.
System (MPU) side
ST7565P chip side
V0
VSS
V1 to V4
VSS
VDD
VSS
VDD
Figure 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com