Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 37 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 37 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 41Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
ST7565P
Ver 2.1b
37/71
2009/09/14
(C) When External Resistors are Used (The V0 Voltage Regulator Internal Resistors Are Not Used) (2)
When the external resistor described above are used,
adding a variable resistor as well makes it possible to
perform fine adjustments on Ra’ and Rb’, to set the liquid
crystal drive voltage V0. In this case, the use of the
electronic volume function makes it possible to control the
liquid crystal power supply voltage V0 by commands to
adjust the liquid crystal display brightness.
In the range where | V0 | < | VOUT | the V0 voltage can be
calculated by equation C-1 below based on the R1 and R2
(variable resistor) and R3 settings, where R2 can be
subjected to fine adjustments (Δ R2).
(
)
R3+R2-ΔR2
R1+ΔR2
+
1
VEV
V0 =
=
(
)
+
1
(1 -
α
162 )
VREG
[∵ VEV = (1 -
α
162 )
VREG
]
R3+R2-ΔR2
R1+ΔR2
External
resistor R1
VEV(fixed voltage power supply+electronic volume)
VSS
V0
External
resistor R3
VR
ΔR2
External
resistor R2
Rb'
Ra'
Figure 12
Setup example: When selecting Ta = 25°C and V0= 5 to 9 V
(using R2) for an ST7565P the temperature gradient
= –0.05%/°C.
When the central value for the electronic volume register is
set at (D5, D4, D3, D2, D1, D0) = (1, 0, 0, 0, 0, 0), then
α = 31
and VREG = 2.1 V so, according to equation C-1,
when
∆R2 = 0
, in order to make V0 = 9 V,
(
R3+R2
R1
+
1
9V =
) (1 -
31
162 )
(2.1)
When ΔR2 = R2, in order to make V = –5 V,
(
R3
R1+R2
+
1
5V =
) (1 -
31
162 )
(2.1)
When the current flowing VDD and V0 is set to 5 uA,
R1 + R2 + R3 = 1.4M
(Equation C-4)
With this, according to equation C-2, C-3 and C-4,
R1 = 264kΩ
R2 = 211kΩ
R3 = 925kΩ
The V0 voltage variable range and notch width based on the
electron volume function is as shown in Table 15.
Table 15
V0
Min
Typ
Max
Units
Variable Range
Notch width
5.5 (63 levels)
7.3 (central value)
9 (0 level)
[V]
56
[mV]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com