Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 62 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 62 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 66Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
ST7565P
Ver 2.1b
62/71
2009/09/14
Table 25
(VDD = 2.7V, Ta = –30 to 85°C)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Address hold time
tAH8
0
—
Address setup time
tAW8
0
—
System cycle time
A0
tCYC8
400
—
Write L pulse width
tCCLW
220
—
Write H pulse width
WR
tCCHW
180
—
Read L pulse width
tCCLR
220
—
Read H pulse width
RD
tCCHR
180
—
Write Data setup time
tDS8
40
—
Write Address hold time
tDH8
0
—
Read access time
tACC8
CL = 100 pF
—
140
Read Output disable time
D0 to D7
tOH8
CL = 100 pF
10
100
ns
Table 26
(VDD = 1.8V, Ta = –30 to 85°C)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Address hold time
tAH8
0
—
Address setup time
tAW8
0
—
System cycle time
A0
tCYC8
640
—
Write L pulse width
tCCLW
360
—
Write H pulse width
WR
tCCHW
280
—
Read L pulse width
tCCLR
360
—
Read H pulse width
RD
tCCHR
280
Write Data setup time
tDS8
80
—
Write Address hold time
tDH8
0
—
Read access time
tACC8
CL = 100 pF
—
240
Read Output disable time
D0 to D7
tOH8
CL = 100 pF
10
200
ns
*1 The input signal rise time and fall time (
tr, tf) is specified at 15 ns or less. When the system cycle time is extremely fast,
(
tr +tf) ≦ (tCYC8 – tCCLW – tCCHW) for (tr + tf) ≦ (tCYC8 – tCCLR – tCCHR) are specified.
*2 All timing is specified using 20% and 80% of VDD as the reference.
*3
tCCLW and tCCLR are specified as the overlap between /CS1 being “L” (CS2 = “H”) and /WR and /RD being at the “L” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com