Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
ST7565P
Ver 2.1b
43/71
2009/09/14
Column Address Set
This command specifies the column address of the display data RAM shown in Figure 4. The column address is split into two
sections (the higher 4 bits and the lower 4 bits) when it is set (fundamentally, set continuously). Each time the display data RAM
is accessed, the column address automatically increments (+1), making it possible for the MPU to continuously read from/write
to the display data. The column address increment is topped at 83H. This does not change the page address continuously. See
the function explanation in “The Column Address Circuit,” for details.
E
R/W
A0
/RD /WR
D7 D6 D5 D4 D3 D2 D1 D0 A7 A6 A5 A4 A3 A2 A1 A0
Column
address
High bits
→
Low bits
→
0
1
0
0
0
0
1
A7 A6
A5 A4
0
0
0
0
0
0
0
0
0 A3 A2
A1 A0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
1
0
↓
1
0
0
0
0
0
1
0
1
0
0
0
0
0
1
1
0
1
2
↓
130
131
Status Read
E
R/W
A0
/RD
/WR
D7
D6
D5
D4
D3 D2 D1 D0
0
0
1
BUSY
ADC
ON/OFF RESET
0
0
0
0
BUSY
BUSY = 1: it indicates that either processing is occurring internally or a reset condition is in process.
BUSY = 0: A new command can be accepted . if the cycle time can be satisfied, there is no need to check
for BUSY conditions.
ADC
This shows the relationship between the column address and the segment driver.
0: Reverse (column address 131-n
↔ SEG n)
1: Normal (column address n
↔ SEG n)
(The ADC command switches the polarity.)
ON/OFF
ON/OFF: indicates the display ON/OFF state.
0: Display ON
1: Display OFF
(This display ON/OFF command switches the polarity.)
RESET
This indicates that the chip is in the process of initialization either because of a /RES signal or because of a
reset command.
0: Operating state
1: Reset in progress
Display Data Write
This command writes 8-bit data to the specified display data RAM address. Since the column address is automatically
incremented by “1” after the write, the MPU can write the display data.
E
R/W
A0
/RD
/WR
D7 D6 D5 D4 D3 D2 D1 D0
1
1
0
Write data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com