Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 35 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 35 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 39Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
ST7565P
Ver 2.1b
35/71
2009/09/14
0000
1111
2222
3333
4444
5555
6666
7777
8888
9999
10
10
10
10
11
11
11
11
12
12
12
12
13
13
13
13
14
14
14
14
15
15
15
15
00H
1FH
3FH
V0
UNIT:V
000
001
010
011
100
101
110
111
V0 voltage regulator
internal resistor ratio set
D2,D1,D0
Electronic volume registered
D5 ~ D0
Ta = 25 °C and booster off ,regulator,follower on VDD=3V
Figure 9 : (1) For ST7565P the Thermal Gradient = -0.05%/°C
The V0 voltage as a function of the V0 voltage regulator internal resistor ratio register and the electronic volume register.
Setup example: When selecting Ta = 25°C and V0 = 7V f or an ST7565P on which Temperature gradient = –0.05%/°C.
Using Figure 9 and the equation A-1, the following setup is enabled.
At this time, the variable range and the notch width of the V0 voltage is, as shown Table 13, as dependent on the electronic
volume.
Table 12
Register
Contents
D5 D4 D3 D2 D1 D0
For V0 voltage regulator
Electronic Volume
— — — 0
1
0
1
0
0
1
0
1
Table 13
V0
Min
Typ
Max
Units
Variable Range
Notch width
5.1 (63 levels)
7.0 (central value)
8.4 (0 level)
[V]
51
[mV]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com