Electronic Components Datasheet Search
  English  ▼

X  

ST7565P Datasheet(PDF) 34 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 34 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 38Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
ST7565P
Ver 2.1b
34/71
2009/09/14
VREG is the IC-internal fixed voltage supply, and its voltage at Ta = 25°C is as shown in Table 9.
Table 9
Part no.
Equipment Type
Thermal Gradient
VREG
ST7565P
Internal Power Supply
–0.05 %/°C
2.1V
α is set to 1 level of 64 possible levels by the electronic volume function depending on the data set in the 6-bit electronic
volume registers. Table 10 shows the value for α depending on the electronic volume register settings.
Rb/Ra is the V0 voltage regulator internal resistor ratio, and can be set to 8 different levels through the V0 voltage regulator
internal resistor ratio set command. The (1 + Rb/Ra) ratio assumes the values shown in Table 11 depending on the 3-bit data
settings in the V0 voltage regulator internal resistor ratio register.
Table 10
D5
D4
D3
D2
D1
D0
α
α
α
α
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
1
0
:
:
1
1
1
1
0
1
1
1
1
1
1
0
1
1
1
1
1
1
63
62
61
:
:
2
1
0
V0 voltage regulator internal resistance ratio register value and (1 + Rb/Ra) ratio (Reference value)
Table 11
Register
ST7565P
D2 D1 D0
(1) –0.05 %/°C
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Figures 9, 10 show V0 voltage measured by values of the internal resistance ratio resistor for V0 voltage adjustment and
electric volume resister for each temperature grade model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com