Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 13Page - NXP Semiconductors SC28L92 Datasheet HTML 14Page - NXP Semiconductors SC28L92 Datasheet HTML 15Page - NXP Semiconductors SC28L92 Datasheet HTML 16Page - NXP Semiconductors SC28L92 Datasheet HTML 17Page - NXP Semiconductors SC28L92 Datasheet HTML 18Page - NXP Semiconductors SC28L92 Datasheet HTML 19Page - NXP Semiconductors SC28L92 Datasheet HTML 20Page - NXP Semiconductors SC28L92 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
17 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
Counter/Timer upper register. These commands have slight differences depending on the
mode of operation. Please see the detail of the commands in Section 7.3.3 “Command
registers”.
6.2.7 Time-out mode caution
When operating in the special time-out mode, it is possible to generate what appears to be
a false interrupt, i.e., an interrupt without a cause. This may result when a time-out
interrupt occurs and then, before the interrupt is serviced, another character is received,
i.e., the data stream has started again. (The interrupt latency is longer than the pause in
the data stream.) In this case, when a new character has been received, the counter/timer
will be restarted by the receiver, thereby withdrawing its interrupt. If, at this time, the
interrupt service begins for the previously seen interrupt, a read of the ISR will show the
Counter Ready bit not set. If nothing else is interrupting, this read of the ISR will return a
0x00 character. This action may present the appearance of a spurious interrupt.
6.2.8 Communications channels A and B
Each communications channel of the SC28L92 comprises a full-duplex asynchronous
receiver/transmitter (UART). The operating frequency for each receiver and transmitter
can be selected independently from the baud rate generator, the counter/timer, or from an
external input. The transmitter accepts parallel data from the CPU, converts it to a serial
bit stream, inserts the appropriate start, stop, and optional parity bits and outputs a
composite serial stream of data on the TxD output pin. The receiver accepts serial data on
the RxD pin, converts this serial input to parallel format, checks for start bit, stop bit, parity
bit (if any), or break condition and sends an assembled character to the CPU via the
receive FIFO. Three status bits (break received, framing and parity errors) are also
FIFOed with each data character.
6.2.9 Input port
The inputs to this unlatched 7-bit (6-bit for 68xxx mode) port can be read by the CPU by
performing a read operation at address 0xD. A HIGH input results in a logic 1 while a LOW
input results in a logic 0. D7 will always read as a logic 1. The pins of this port can also
serve as auxiliary inputs to certain portions of the DUART logic, modem and DMA.
Four change-of-state detectors are provided which are associated with inputs IP3, IP2,
IP1 and IP0. A HIGH-to-LOW or LOW-to-HIGH transition of these inputs, lasting longer
than 25
µs to 50 µs, will set the corresponding bit in the input port change register. The
bits are cleared when the register is read by the CPU. Any change of state can also be
programmed to generate an interrupt to the CPU.
The input port change of state detection circuitry uses a 38.4 kHz sampling clock derived
from one of the baud rate generator taps. This results in a sampling period of slightly more
than 25
µs (this assumes that the clock input is 3.6864 MHz). The detection circuitry, in
order to guarantee that a true change in level has occurred, requires two successive
samples at the new logic level be observed. As a consequence, the minimum duration of
the signal change is 25
µs if the transition occurs coincident with the first sample pulse.
The 50
µs time refers to the situation in which the change of state is just missed and the
first change of state is not detected until 25
µs later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com