Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 12Page - NXP Semiconductors SC28L92 Datasheet HTML 13Page - NXP Semiconductors SC28L92 Datasheet HTML 14Page - NXP Semiconductors SC28L92 Datasheet HTML 15Page - NXP Semiconductors SC28L92 Datasheet HTML 16Page - NXP Semiconductors SC28L92 Datasheet HTML 17Page - NXP Semiconductors SC28L92 Datasheet HTML 18Page - NXP Semiconductors SC28L92 Datasheet HTML 19Page - NXP Semiconductors SC28L92 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
16 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
(1)
Often this division will result in a non-integer number; 26.3 for example. One may only
program integer numbers to a digital divider. Therefore 26 (0x1A) would be chosen. If 26.7
were the result of the division, then 27 (0x1B) would be chosen. This gives a baud rate
error of 0.3/26.3 or 0.3/26.7 that yields a percentage error of 1.14 % or 1.12 %
respectively, well within the ability of the asynchronous mode of operation. Higher input
frequency to the counter reduces the error effect of the fractional division.
6.2.5 Counter mode
In the counter mode the counter/timer counts the value of the CTLR CTUR down to zero
and then sets the ISR[3] bit and sets the counter/timer output from 1 to 0. It then rolls over
to 65,365 and continues counting with no further observable effect. Reading the C/T in the
counter mode outputs the present state of the C/T. If the C/T is not stopped, a read of the
C/T may result in changing data on the data bus.
6.2.6 Time-out mode
The time-out mode uses the received data stream to control the counter. The time-out
mode forces the C/T into the timer mode. Each time a received character is transferred
from the shift register to the Rx FIFO, the counter is restarted. If a new character is not
received before the counter reaches zero count, the counter ready bit is set, and an
interrupt can be generated. This mode can be used to indicate when data has been left in
the Rx FIFO for more than the programmed time limit. If the receiver has been
programmed to interrupt the CPU when the receive FIFO is full, and the message ends
before the FIFO is full, the CPU will not be interrupted for the remaining characters in the
Rx FIFO.
By programming the C/T such that it would time-out in just over one character time, the
above situation could be avoided. The processor would be interrupted any time the data
stream had stopped for more than one character time. Note: This is very similar to the
watchdog time of MR0. The difference is in the programmability of the delay time and that
the watchdog timer is restarted by either a receiver load to the Rx FIFO or a system read
from it.
This mode is enabled by writing the appropriate command to the command register.
Writing 0xA to CRA or CRB will invoke the time-out mode for that channel. Writing 0xC to
CRA or CRB will disable the time-out mode. Only one receiver should use this mode at a
time. However, if both are on, the time-out occurs after both receivers have been inactive
for the time-out period. The start of the C/T will be on the logic OR of the two receivers.
The time-out mode disables the regular start counter or stop counter commands and puts
the C/T into counter mode under the control of the received data stream. Each time a
received character is transferred from the shift register to the Rx FIFO, the C/T is stopped
after one C/T clock, reloaded with the value in CTUR and CTLR and then restarted on the
next C/T clock. If the C/T is allowed to end the count before a new character has been
received, the counter ready bit, ISR[3], will be set. If IMR[3] is set, this will generate an
interrupt. Since receiving a character restarts the C/T, the receipt of a character after the
C/T has timed out will clear the counter ready bit, ISR[3], and the interrupt. Invoking the
Set Time-out Mode On command, CRx = 0xA, will also clear the counter ready bit and
stop the counter until the next character is received. The counter/timer is controlled with
six commands: Start/Stop C/T, Read/Write Counter/Timer lower register and Read/Write
n
counter/timer input clock
216
×
desired baud rate
()
×
--------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com