Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 3 Page - NXP Semiconductors

  SC28L92 Datasheet HTML 1Page - NXP Semiconductors SC28L92 Datasheet HTML 2Page - NXP Semiconductors SC28L92 Datasheet HTML 3Page - NXP Semiconductors SC28L92 Datasheet HTML 4Page - NXP Semiconductors SC28L92 Datasheet HTML 5Page - NXP Semiconductors SC28L92 Datasheet HTML 6Page - NXP Semiconductors SC28L92 Datasheet HTML 7Page - NXP Semiconductors SC28L92 Datasheet HTML 8Page - NXP Semiconductors SC28L92 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
3 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
I On-chip crystal oscillator
I Power-down mode
I Receiver time-out mode
I Single 3.3 V or 5 V power supply
I Powers up to emulate SC26C92
3.
Ordering information
Table 1.
Ordering information
VCC = 3.3 V ± 10 % or VCC = 5.0 V ± 10 %; Tamb = −40 °C to +85 °C
Type number
Package
Name
Description
Version
SC28L92A1A
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
SC28L92A1B
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2
SC28L92A1BS
HVQFN48
plastic thermal enhanced very thin quad flat package; no leads;
48 terminals; body 6
× 6 × 0.85 mm
SOT778-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com