Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 34Page - NXP Semiconductors SC28L92 Datasheet HTML 35Page - NXP Semiconductors SC28L92 Datasheet HTML 36Page - NXP Semiconductors SC28L92 Datasheet HTML 37Page - NXP Semiconductors SC28L92 Datasheet HTML 38Page - NXP Semiconductors SC28L92 Datasheet HTML 39Page - NXP Semiconductors SC28L92 Datasheet HTML 40Page - NXP Semiconductors SC28L92 Datasheet HTML 41Page - NXP Semiconductors SC28L92 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
38 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
4
-
Channel A overrun error.
0 = no
1 = yes
This bit, when set, indicates that one or more characters in the received data
stream have been lost. It is set upon receipt of a new character when the FIFO
is full and a character is already in the receive shift register waiting for an empty
FIFO position. When this occurs, the character in the receive shift register (and
its break detect, parity error and framing error status, if any) is lost.
This bit is cleared by a reset error status command.
3
TxEMTA
Channel A transmitter empty.
0 = no
1 = yes
This bit will be set when the transmitter under runs, i.e., both the TxEMT and
TxRDY bits are set. This bit and TxRDY are set when the transmitter is first
enabled and at any time it is re-enabled after either (a) reset, or (b) the
transmitter has assumed the disabled state. It is always set after transmission
of the last stop bit of a character if no character is in the Tx Holding Register
(TxFIFOA) awaiting transmission.
It is reset when the Tx Holding Register (TxFIFOA) is loaded by the CPU, a
pending transmitter disable is executed, the transmitter is reset, or the
transmitter is disabled while in the under run condition.
2
TxRDYA
Channel A transmitter ready.
0 = no
1 = yes
This bit, when set, indicates that the transmit FIFO is not full and ready to be
loaded with another character. This bit is cleared when the transmit FIFO is
loaded by the CPU and there are (after this load) no more empty locations in
the FIFO. It is set when a character is transferred to the transmit shift register.
TxRDYA is reset when the transmitter is disabled and is set when the
transmitter is first enabled. Characters loaded to the Tx FIFO while this bit is
logic 0 will be lost. This bit has different meaning from ISR[0].
1
FFULLA
Channel A FIFO full.
0 = no
1 = yes
This bit is set when a character is transferred from the receive shift register to
the receive FIFO and the transfer causes the FIFO to become full, i.e., all eight
(or 16) FIFO positions are occupied. It is reset when the CPU reads the receive
FIFO. If a character is waiting in the receive shift register because the FIFO is
full, FFULLA will not be reset when the CPU reads the receive FIFO. This bit
has different meaning from ISR1 when MR1[6] is programmed to a logic 1
0
RxRDYA
Channel A receiver ready.
0 = no
1 = yes
This bit indicates that a character has been received and is waiting in the FIFO
to be read by the CPU. It is set when the character is transferred from the
receive shift register to the FIFO and reset when the CPU reads the receive
FIFO, only if (after this read) there are no more characters in the FIFO - the Rx
FIFO becomes empty.
Table 42.
SRA - Status register channel A (address 0x1) bit description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com