Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 60Page - NXP Semiconductors SC28L92 Datasheet HTML 61Page - NXP Semiconductors SC28L92 Datasheet HTML 62Page - NXP Semiconductors SC28L92 Datasheet HTML 63Page - NXP Semiconductors SC28L92 Datasheet HTML 64Page - NXP Semiconductors SC28L92 Datasheet HTML 65Page - NXP Semiconductors SC28L92 Datasheet HTML 66Page - NXP Semiconductors SC28L92 Datasheet HTML 67Page - NXP Semiconductors SC28L92 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
64 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
12. Test information
Fig 22. Wake-up mode timing
status data
ADD#2
status data
TxD
ADD#1
MR1[4:3] = 11
MR1[2] = 1
1
bit 9
D0
0
bit 9
ADD#2 1
ADD#1
MR1[2] = 0
D0
MR1[2] = 1
ADD#2
ADD#1 1
D0
0
ADD#2 1
bit 9
0
0
bit 9
MR1[4:3] = 11
D0
001aae319
RDN/WRN
ADD#1
RxRDY
(SR)
receiver
enabled
peripheral station:
bit 9
bit 9
bit 9
RxD
WRN
TxRDY
(SR)
transmitter
enabled
bit 9
master station:
Fig 23. Test conditions on outputs
001aae320
INTRN
DACKN
125 pF
+5 V
I = 2.4 mA
D0 to D7
TxDA/TxDB
OP0 to OP7
125 pF
I = 2.4 mA VOL return to VCC for a 0 level
I = 400
µA VOH return to VSS for a 1 level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com