Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 8Page - NXP Semiconductors SC28L92 Datasheet HTML 9Page - NXP Semiconductors SC28L92 Datasheet HTML 10Page - NXP Semiconductors SC28L92 Datasheet HTML 11Page - NXP Semiconductors SC28L92 Datasheet HTML 12Page - NXP Semiconductors SC28L92 Datasheet HTML 13Page - NXP Semiconductors SC28L92 Datasheet HTML 14Page - NXP Semiconductors SC28L92 Datasheet HTML 15Page - NXP Semiconductors SC28L92 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
12 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
INTRN
24
18
19
O
Interrupt request: Active LOW, open-drain, output which signals the
CPU that one or more of the eight maskable interrupting conditions
are true. This pin requires a pull-up.
X1/CLK
36
30
32
I
Crystal 1: Crystal or external clock input. A crystal or clock of the
specified limits must be supplied at all times. When a crystal is used, a
capacitor must be connected from this pin to ground (see Figure 17).
X2
37
31
33
O
Crystal 2: Connection for other side of the crystal. When a crystal is
used, a capacitor must be connected from this pin to ground (see
Figure 17). If X1/CLK is driven from an external source, this pin must
be left open.
RxDA
35
29
31
I
Channel A receiver serial data input: The least significant bit is
received first. See note on drive levels at block diagram (Figure 2).
RxDB
11
5
5
I
Channel B receiver serial data input: The least significant bit is
received first. See note on drive levels at block diagram (Figure 2).
TxDA
33
28
30
O
Channel A transmitter serial data output: The least significant bit is
transmitted first. This output is held in the ‘mark condition when the
transmitter is disabled, idle or when operating in local loopback mode.
See note on drive levels at block diagram (Figure 2).
TxDB
13
6
8
O
Channel B transmitter serial data output: The least significant bit is
transmitted first. This output is held in the Mark condition when the
transmitter is disabled, idle, or when operating in local loopback mode.
See note on drive levels at block diagram (Figure 2).
OP0
32
27
29
O
Output 0: General purpose output or channel A request to send
(RTSAN, active LOW). Can be deactivated automatically on receive or
transmit.
OP1
14
7
9
O
Output 1: General purpose output or channel B request to send
(RTSBN, active LOW). Can be deactivated automatically on receive or
transmit.
OP2
31
26
28
O
Output 2: General purpose output, or channel A transmitter 1
× or 16×
clock output, or channel A receiver 1
× clock output.
OP3
15
8
10
O
Output 3: General purpose output or open-drain, active LOW
counter/timer output or channel B transmitter 1
× clock output, or
channel B receiver 1
× clock output.
OP4
30
25
27
O
Output 4: General purpose output or channel A open-drain, active
LOW, RxA interrupt ISR [1] output.
OP5
16
9
11
O
Output 5: General purpose output or channel B open-drain, active
LOW, RxB interrupt ISR[5] output.
OP6
29
24
26
O
Output 6: General purpose output or channel A open-drain, active
LOW, TxA interrupt ISR[0] output.
OP7
17
10
12
O
Output 7: General purpose output, or channel B open-drain, active
LOW, TxB interrupt ISR[4] output.
IP0
8
2
2
I
Input 0: General purpose input or channel A clear to send active LOW
input (CTSAN).
IP1
5
43
47
I
Input 1: General purpose input or channel B clear to send active LOW
input (CTSBN).
IP2
40
34
38
I
Input 2: General purpose input or counter/timer external clock input.
Table 3.
Pin description for 68xxx bus interface (Motorola) …continued
Symbol
Pin
Type
Description
PLCC44
QFP44
HVQFN48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com