Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 51Page - NXP Semiconductors SC28L92 Datasheet HTML 52Page - NXP Semiconductors SC28L92 Datasheet HTML 53Page - NXP Semiconductors SC28L92 Datasheet HTML 54Page - NXP Semiconductors SC28L92 Datasheet HTML 55Page - NXP Semiconductors SC28L92 Datasheet HTML 56Page - NXP Semiconductors SC28L92 Datasheet HTML 57Page - NXP Semiconductors SC28L92 Datasheet HTML 58Page - NXP Semiconductors SC28L92 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
55 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
[1]
The following conditions apply:
a) Parameters are valid over specified temperature and voltage range.
b) All voltage measurements are referenced to ground. For testing, all inputs swing between 0.4 V and 3.0 V with a transition time of
5 ns maximum. For X1/CLK this swing is between 0.4 V and 0.8VCC. All time measurements are referenced at input voltages of 0.8 V
and 2.0 V, and output voltages of 0.8 V and 2.0 V, as appropriate.
c) Test conditions for outputs: CL = 125 pF, except open-drain outputs. Test conditions for open-drain outputs: CL = 125 pF,
constant current source = 2.6 mA.
d) Typical values are the average values at +25
°C and 5 V.
[2]
Timing is illustrated and referenced to the WRN and RDN Inputs. Also, CEN may be the strobing input. CEN and RDN (also CEN and
WRN) are ORed internally. The signal asserted last initiates the cycle and the signal negated first terminates the cycle.
[3]
Guaranteed by characterization of sample units.
[4]
If CEN is used as the strobing input, the parameter defines the minimum HIGH times between one CEN and the next. The RDN signal
must be negated for tRWD to guarantee that any status register changes are valid.
[5]
Minimum frequencies are not tested but are guaranteed by design.
[6]
Clocks for 1
× mode should maintain a 60/40 duty cycle or better.
Clock timing (see Figure 17)
tCLK
X1/CLK HIGH or LOW time
30
20
-
ns
fCLK
X1/CLK frequency
[5] 0.1
3.686
8
MHz
tCTC
C/T clock (IP2) HIGH or LOW time (C/T
external clock input)
30
10
-
ns
fCTC
C/T clock (IP2) frequency
[5] 0-
8MHz
tRX
RxC HIGH or LOW time
16
×
30
10
-
ns
fRX
RxC frequency
16
×
0
-
16
MHz
1
×
[5][6] 0-
1MHz
tTX
TxC HIGH or LOW time
16
×
30
10
-
ns
fTX
TxC frequency
16
×
--16
MHz
1
×
[5][6] 0-
1MHz
Transmitter timing, external clock (see Figure 18)
tTXD
TxD output delay from TxC LOW (TxC
input pin)
-
4060ns
tTCS
output delay from TxC output pin LOW to
TxD data output
-
6
30
ns
Receiver timing, external clock (see Figure 19)
tRXS
RxD data set-up time to RxC HIGH
50
40
-
ns
tRXH
RxD data hold time from RxC HIGH
50
40
-
ns
68xxx or Motorola bus timing (see Figure 12, 13 and 14)[7]
tDCR
DACKN LOW (read cycle) from X1 HIGH
[7] -
1535ns
tDCW
DACKN LOW (write cycle) from X1 HIGH
-
15
35
ns
tDAT
DACKN high-impedance from CEN or
IACKN HIGH
-
8
10
ns
tCSC
CEN or IACKN set-up time to X1 HIGH for
minimum DACKN cycle
16
8
-
ns
Table 67.
Dynamic characteristics, 5 V operation[1] …continued
VCC = 5.0 V ± 10 %, Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com