Electronic Components Datasheet Search
  English  ▼

X  

SC28L92 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 28Page - NXP Semiconductors SC28L92 Datasheet HTML 29Page - NXP Semiconductors SC28L92 Datasheet HTML 30Page - NXP Semiconductors SC28L92 Datasheet HTML 31Page - NXP Semiconductors SC28L92 Datasheet HTML 32Page - NXP Semiconductors SC28L92 Datasheet HTML 33Page - NXP Semiconductors SC28L92 Datasheet HTML 34Page - NXP Semiconductors SC28L92 Datasheet HTML 35Page - NXP Semiconductors SC28L92 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
32 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
[1]
Add 0.5 to values shown for 0 to 7 if channel is programmed for 5 bit per character
7.3.1.4
Mode Register 0 channel B (MR0B)
MR0B (address 0x8) is accessed when the channel B MR pointer points to MR1. The
pointer is set to MR0 by RESET or by a set pointer command applied via CRB. After
reading or writing MR0B, the pointer will point to MR1B.
The bit definitions for this register are identical to MR0A, except the FIFO size bit and that
all control actions apply to the channel B receiver, transmitter, the corresponding inputs
and outputs. MR0B[2:0] are reserved.
7.3.1.5
Mode Register 1 channel B (MR1B)
MR1B (address 0x8) is accessed when the channel B MR pointer points to MR1. The
pointer is set to MR1 by RESET or by a set pointer command applied via CRB. After
reading or writing MR1B, the pointer will point to MR2B.
The bit definitions for this register are identical to MR1A, except that all control actions
apply to the channel B receiver and transmitter and the corresponding inputs and outputs.
7.3.1.6
Mode Register 2 channel B (MR2B)
MR2B (address 0x8) is accessed when the channel B MR pointer points to MR2, which
occurs after any access to MR1B. Accesses to MR2B do not change the pointer.
The bit definitions for mode register are identical to the bit definitions for MR2A, except
that all control actions apply to the channel B receiver and transmitter and the
corresponding inputs and outputs.
B
1.750
C
1.813
D
1.875
E
1.938
F
2.000
Table 32.
Stop bit length …continued
MR2A[3:0] (hexadecimal)
Stop bit length[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com